Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTR030V0400 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # PTR030V0400
Description  30 Volt DC Radial Leaded, PolyTron??PTC Devices
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PTR030V0400 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  PTR030V0400 Datasheet HTML 1Page - Cooper Bussmann, Inc. PTR030V0400 Datasheet HTML 2Page - Cooper Bussmann, Inc. PTR030V0400 Datasheet HTML 3Page - Cooper Bussmann, Inc. PTR030V0400 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
30 Volt DC Radial Leaded, PolyTron™ PTC Devices
PolyTron
PTR030V Series
0111
BU-SB11019
Page 1 of 4
Data Sheet 4400
Radial Leaded Device
Description
• PolyTron™ radial leaded thru-hole PTC device
• Maximum 30 volts
• Current ratings from 0.90 to 9.00 amps
• Fast time-to-trip
• Low resistance
• Halogen free
• Lead free
• RoHS compliant
Notes:
Ihold – Hold current: Maximum current device will pass without interruption in 23°C still air.
Itrip – Trip current: Minimum current that will switch the device from low resistance to high resistance in 23°C still air.
Vmax: Maximum continuous voltage device can withstand without damage at rated current.
Imax: Maximum fault current device can withstand without damage at rated voltage.
Pd: Power dissipated from device when in the tripped state in 23°C still air.
Ri (min.): Minimum resistance of device as supplied at 23°C unless otherwise specified.
Ri (max.): Maximum resistance of device as supplied at 23°C unless otherwise specified.
R1 (max.): Maximum resistance of device when measured one hour post reflow (SMD) or one hour post trip (radial-leaded device) at 23°C unless otherwise specified.
Specifications
Ihold
Itrip
Pd
Time to
Resistance (
Ω)
Agency
Catalog
Vmax
Imax
@23°C
@23°C
Typ.
Trip (Max.)
Initial (Ri)
Post Trip (R1)
Information
Number
(Vdc)
(Amps)
(Amps)
(Amps)
(W)
(Amps)
(Sec)
Min.
Max.
Max.
cURus
TUV
PTR030V0090
30
40
0.90
1.80
0.6
4.50
5.90
0.070
0.120
0.22
X
X
PTR030V0110
30
40
1.10
2.20
0.7
5.50
6.60
0.050
0.100
0.17
X
X
PTR030V0135
30
40
1.35
2.70
0.8
6.75
7.30
0.040
0.080
0.13
X
X
PTR030V0160
30
40
1.60
3.20
0.9
8.00
8.00
0.030
0.070
0.11
X
X
PTR030V0185
30
40
1.85
3.70
1.0
9.25
8.70
0.030
0.060
0.09
X
X
PTR030V0250
30
40
2.50
5.00
1.2
12.50
10.30
0.020
0.040
0.07
X
X
PTR030V0300
30
40
3.00
6.00
2.0
15.00
10.80
0.020
0.050
0.08
X
X
PTR030V0400
30
40
4.00
8.00
2.5
20.00
12.70
0.010
0.030
0.05
X
X
PTR030V0500
30
40
5.00
10.00
3.0
25.00
14.50
0.010
0.030
0.05
X
X
PTR030V0600
30
100
6.00
12.00
3.5
30.00
16.00
0.005
0.020
0.04
X
X
PTR030V0700
30
100
7.00
14.00
3.8
35.00
17.50
0.005
0.020
0.03
X
X
PTR030V0800
30
100
8.00
16.00
4.0
40.00
18.80
0.005
0.013
0.02
X
X
PTR030V0900
30
100
9.00
18.00
4.2
45.00
20.00
0.005
0.010
0.02
X
X
Agency Information
• cURus: Recognized Card: File E343021 (Ihold 0.9-9A)
• TUV File: J 50194729
Part Number System/Ordering
PT
R 030V 0160
-TR
PolyTron™ PTC Device Series
Radial Leaded
Maximum Voltage
Current Holding (Ihold)
Tape and Reel Packaging and Lead Type Code
Lead Codes: TR & BK - Straight Leads, TR1 & BK1 - Kinked Leads
TR & TR1 On Reels
BK & BK1 In Poly Bags
• 0.90-1.60A - 3000 devices
• 0.90-1.35A - 1,000 devices
• 1.85-3.00A - 2000 devices
• 1.60-6.00A - 500 devices
• 4.00-9.00A - 1000 devices
• 7.00-9.00A - 250 devices
Applications
• Medical equipment
• White goods
• Industrial power transmission
• Telecommunications
• Computers and peripherals
• Consumer and automotive electronics
• Rechargeable battery packs
HALOGEN
HF
FREE
Pb


Similar Part No. - PTR030V0400

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PTR030V0400 EATON-PTR030V0400 Datasheet
458Kb / 4P
   30 Volt DC radial leaded, PolyTron??PTC devices
More results

Similar Description - PTR030V0400

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PTR030V EATON-PTR030V Datasheet
458Kb / 4P
   30 Volt DC radial leaded, PolyTron??PTC devices
PTR060V EATON-PTR060V Datasheet
540Kb / 4P
   60 Volt DC radial leaded, PolyTron??PTC devices
logo
Cooper Bussmann, Inc.
PTR016V0090 COOPER-PTR016V0090 Datasheet
496Kb / 4P
   16 Volt DC Radial Leaded, PolyTron??PTC Devices
PTR060V0010 COOPER-PTR060V0010 Datasheet
478Kb / 4P
   60 Volt DC Radial Leaded, PolyTron??PTC Devices
logo
Eaton All Rights Reserv...
PTR016V EATON-PTR016V Datasheet
470Kb / 4P
   16 Volt DC radial leaded, PolyTron??PTC devices
logo
Cooper Bussmann, Inc.
PTS080524V010 COOPER-PTS080524V010 Datasheet
1Mb / 6P
   6-24 Volt DC surface mount PolyTron??PTC devices
PTS181233V110 COOPER-PTS181233V110 Datasheet
401Kb / 4P
   6-60 Volt DC Surface Mount, PolyTron PTC Devices
PTS120660V005 COOPER-PTS120660V005 Datasheet
448Kb / 4P
   6-60 Volt DC Surface Mount, PolyTron??PTC Devices
logo
Bel Fuse Inc.
0ZRB BEL-0ZRB_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRM BEL-0ZRM Datasheet
211Kb / 2P
   Radial Leaded PTC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com