Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB2-3-A+G Datasheet(PDF) 3 Page - SL Power Electronics

Part # HB2-3-A+G
Description  DC Power Supplies
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

HB2-3-A+G Datasheet(HTML) 3 Page - SL Power Electronics

  HB2-3-A+G Datasheet HTML 1Page - SL Power Electronics HB2-3-A+G Datasheet HTML 2Page - SL Power Electronics HB2-3-A+G Datasheet HTML 3Page - SL Power Electronics HB2-3-A+G Datasheet HTML 4Page - SL Power Electronics HB2-3-A+G Datasheet HTML 5Page - SL Power Electronics HB2-3-A+G Datasheet HTML 6Page - SL Power Electronics HB2-3-A+G Datasheet HTML 7Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
** May require fan cooling
*** No. 2 output usable at -5 V, rate at 1/2 of 15 V current rating.
Commercial Model (Dual)
Medical Model
Output 1
Output 2
Case
HAA5-1.5-OV-A+G
5 V @ 1.5 A
5 V @ 1.5 A
AA
HBB5-3-OV-A+G
5 V @ 3 A
5 V @ 3 A
BB
HCC5-6-OV-A+G
5 V @ 6 A
5 V @ 6 A
CC
HAA512-A+G
MAA512-A
5 V @ 2 A
9 to 15 V (adj) @ 0.5 A
AA
HBB512-A+G
MBB512-A
5 V @ 3 A
9 to 15 V (adj) @ 1.2 A
BB
HCC512-A+G **
MCC512-A
5 V @ 6 A
9 to 15 V (adj) @ 2.5 A
CC
HAA524-A+G **
MAA524-A
5 V @ 2 A
18 to 24 V (adj) @ 0.3 A
AA
HBB524-A+G
MBB524-A
5 V @ 3 A
18 to 24 V (adj) @ 0.8 A
BB
HCC524-A+G
MCC524-A
5 V @ 6 A
18 to 24 V (adj) @ 2 A
CC
HAD12-0.4-A+G
+12 V @ 0.4 A
-12 V @ 0.4 A
B
MLL12-0.25-A
+12 V @ 0.25 A
-12 V @ 0.25 A
L
MLL15-0.2-A
+15 V @ 0.2 A
-15 V @ 0.2 A
L
HAD15-0.4-A+G
+15 V @ 0.4 A
-15 V @ 0.4 A
B
HAA15-0.8-A+G
MAA15-0.8-A
+15 V @ 0.8 A
-15 V @ 0.8 A ***
AA
HBB15-1.5-A+G
MBB15-1.5-A
+15 V @ 1.5 A
-15 V @ 1.5 A ***
BB
HCC15-3-A+G
MCC15-3-A
+15 V @ 3 A
-15 V @ 3 A ***
CC
HDD15-5-A+G
+15 V @ 5 A
-15 V @ 5 A ***
E
HAA24-0.6-A+G
+18 to 24 V @ 0.4/0.6 A
-18 to 24 V @ 0.4/0.6 A
AA
CP323-A+G
+5 V @ 2 A
+12 V @ 4 A
BB
Commercial Model (Triple)
Medical Model
Output 1
Output 2
Output 3
Case
MTLL-5W-A
5 V @ 0.5 A
+12 to 15 V @ 0.1 A
-12 to 15 V @ 0.1 A***
L
HTAA-16W-A+G
MTAA-16W-A
5 V @ 2 A
+12 to 15 V @ 0.4/0.4 A
-12 to 15 V @ 0.4/0.4 A***
AA
HBAA40W-A+G
MBAA40W-A
5 V @ 3 A
+12 to 15 V @ 1/0.8 A
-12 to 15 V @ 1/0.8 A***
BAA
HCBB105W-A+G **
5 V @ 3 A
+12 to 15 V @ 3.4/3.0 A
-12 to 15 V @ 3.4/3.0 A***
CBB
HCAA60W-A+G
MCAA60W-A
5 V @ 6 A
+12 to 15 V @ 1/0.8 A
-12 to 15 V @ 1/0.8 A***
D
HCBB75W-A+G
MCBB75W-A
5 V @ 6 A
+12 to 15 V @ 1.7/1.5 A
-12 to 15 V @ 1.7/1.5 A***
CBB
CP131-A+G
5 V @ 8 A
+12 to 15 V @ 1.7/1.5 A
-12 to 15 V @ 1.7/1.5 A***
NBB
HDBB105W-A+G *
5 V @ 12 A
+12 to 15 V @ 1.7/1.5 A
-12 to 15 V @ 1.7/1.5 A***
DBB
HDCC150W-A+G *
5 V @ 12 A
+12 to 15 V @ 3.4/3 A
-12 to 15 V @ 3.4/3 A***
DCC
*Requires fan cooling
** May require fan cooling
***No. 3 output usable at -5 V, rate at 1/2 of 15 V current rating.
Outputs rated at 9 to 15V, 12 to 15V, or 18 to 24V are user adjustable outputs.
All outputs without + or - sign are isolated outputs and may be referenced as either a positive or negative output.
Commercial Model (Dual)
Output 1
Output 2
Output 3
Case
CP379-A+G
+5 V @ 6 A
+ 24 V @ 3.5/6 A PK
-5 or -12 @ 1.2 A
NBB
CP498-A+G
+5 V @ 6 A
+ 12 V @ 5/10 A PK
-12 V @ 0.5 A
NBB
FIXED DISK SERIES
Both models without UL, CSA or TUV
SL Power Electronics, Inc. 6050 King Drive, Bldg A, Ventura, CA, 93003, USA. Phone: (805) 486 4565 Fax: (805) 487 8911 Email: info@slpower.com. www.slpower.com Rev.
12/19/08. Data Sheet © 2008 SL Power Electronics, Inc. The information and specifications contained in this data sheet are believed to be correct at time of publication.
However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.


Similar Part No. - HB2-3-A+G

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
HB2-3-A++ SLPOWER-HB2-3-A+ Datasheet
720Kb / 7P
   Commercial/Medical International Linears
More results

Similar Description - HB2-3-A+G

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com