Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VFC100 Datasheet(PDF) 3 Page - Texas Instruments

Part # VFC100
Description  Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VFC100 Datasheet(HTML) 3 Page - Texas Instruments

  VFC100_00 Datasheet HTML 1Page - Texas Instruments VFC100_00 Datasheet HTML 2Page - Texas Instruments VFC100_00 Datasheet HTML 3Page - Texas Instruments VFC100_00 Datasheet HTML 4Page - Texas Instruments VFC100_00 Datasheet HTML 5Page - Texas Instruments VFC100_00 Datasheet HTML 6Page - Texas Instruments VFC100_00 Datasheet HTML 7Page - Texas Instruments VFC100_00 Datasheet HTML 8Page - Texas Instruments VFC100_00 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
®
VFC100
3
SPECIFICATIONS (CONT)
At TA = +25°C and ±15VDC supplies, unless otherwise noted.
VFC100AG
VFC100BG
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
POWER SUPPLY
Rated Voltage
±15
T
V
Operating Voltage Range
(See Figure 9)
+VCC
+7.5
+28.5
TT
V
–VCC
–7.5
–28.5
TT
V
Total Supply
+VCC – (–VCC)15
36
TT
V
Digital Common
–VCC + 2
+VCC – 4
TT
V
Quiescent Current: +ICC
Over Temperature
10.6
15
TT
mA
–ICC
9.6
15
TT
mA
TEMPERATURE RANGE
Specification
–25
+85
TT
°C
Storage
–65
+150
TT
°C
θ
JA
150
T
°C/W
θ
JC
100
T
°C/W
T Specification same as AG grade.
NOTES: (1) Offset and gain error can be trimmed to zero. See text. (2) Specified by the box method: (max. – min.)
÷ (FSR x ∆T). (3) Refer to detailed timing diagram
in Figure 16 for frequency input signal timing requirements. (4) FSR = Full Scale Range. (5) Pin 9 connected to +VCC. (6) Nominal PWOUT = (5ns/pF) x COS – 90ns.
ABSOLUTE MAXIMUM RATINGS
Power Supply Voltage (+VCC to –VCC ) ............................................... 36V
+VCC to Analog Common ..................................................................... 28V
–VCC to Analog Common ..................................................................... 28V
Integrator Out Short-Circuit to Ground ........................................ Indefinite
Integrator Differential Input ................................................................
±10V
Integrator Common-Mode Input .................................... –VCC +5V to +2V
VIN (pin 7) ......................................................................................... ±VCC
Clock Input .........................................................................................
±V
CC
VREF Out Short-Circuit to Ground ................................................ Indefinite
Pin 9 (COS) ................................................................................. 0 to +VCC
fOUT (referred to digital common) .......................................... –0.5V to 36V
Digital Common .................................................................................
±V
CC
Storage Temperature Range .......................................... –65
°C to +150°C
Lead Temperature (soldering, 10s) ................................................. 300
°C
PIN CONFIGURATION
NC
NC
Integrator Out
Noninverting In
V
+ Comparator In
– Comparator In
Analog Common
Digital Common
f
Clock Input
C
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
REF
+V
CC
C
INT
V
IN
–V
CC
OUT
OS
Top View
DIP
PACKAGE INFORMATION
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
VFC100AG
16-Pin Ceramic DIP
129
VFC100BG
16-Pin Ceramic DIP
129
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.


Similar Part No. - VFC100_00

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VFC100AG BURR-BROWN-VFC100AG Datasheet
205Kb / 15P
   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
VFC100BG BURR-BROWN-VFC100BG Datasheet
205Kb / 15P
   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
More results

Similar Description - VFC100_00

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VFC100 BURR-BROWN-VFC100 Datasheet
205Kb / 15P
   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
VFC101 BURR-BROWN-VFC101 Datasheet
136Kb / 10P
   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
   Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_17 Datasheet
449Kb / 21P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650 Datasheet
284Kb / 12P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. C
logo
Burr-Brown (TI)
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com