Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCA8617 Datasheet(PDF) 1 Page - Texas Instruments

Part # VCA8617
Description  8-Channel VARIABLE GAIN AMPLIFIER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VCA8617 Datasheet(HTML) 1 Page - Texas Instruments

  VCA8617_14 Datasheet HTML 1Page - Texas Instruments VCA8617_14 Datasheet HTML 2Page - Texas Instruments VCA8617_14 Datasheet HTML 3Page - Texas Instruments VCA8617_14 Datasheet HTML 4Page - Texas Instruments VCA8617_14 Datasheet HTML 5Page - Texas Instruments VCA8617_14 Datasheet HTML 6Page - Texas Instruments VCA8617_14 Datasheet HTML 7Page - Texas Instruments VCA8617_14 Datasheet HTML 8Page - Texas Instruments VCA8617_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
OUT1
OUT1
IN1
LNA
V
LNA
V
LNA
VCA
Analog
Control
PGA
2-Pole
Filter
CW(0-9)
D
OUT
CWProcessor
(8x10)
5x8
FIFO
OUT8
IN8
LNA
VCA
PGA
2-Pole
Filter
·
·
·
·
·
·
D
IN
CLK
CS
Serial
Interface
PG
ATN
V
CNTRL
VCA8617
10
OUT8
VCA8617
www.ti.com
SBOS308F – AUGUST 2004 – REVISED NOVEMBER 2009
8-Channel VARIABLE GAIN AMPLIFIER
Check for Samples: VCA8617
1
FEATURES
DESCRIPTION
23
3V OPERATION
The VCA8617 is an 8-channel variable gain amplifier
ideally suited to portable ultrasound applications.
LOW INPUT NOISE:
Excellent
dynamic
performance
enables
use
in
1.05nV/
√Hz at fIN = 5MHz
low-power, high-performance portable applications.
EXTREMELY LOW POWER OPERATION:
Each channel consists of a 20dB gain Low-Noise
103mW/CHANNEL
pre-Amplifier (LNA) and a Variable Gain Amplifier
(VGA). The differential outputs of the LNA can be
INTEGRATED LOW-PASS, ANTI-ALIASING
switched through the 8x10 cross-point switch, which
BUTTERWORTH FILTER
is programmable through the serial interface input
14.5MHz BANDWIDTH
port.
INTEGRATED INPUT CLAMP DIODES
The output of the LNA is fed directly into the VGA
DIFFERENTIAL OUTPUT
stage.
The
VGA
consists
of
two
parts,
a
Voltage-Controlled
Attenuator
(VCA)
and
a
INTEGRATED INPUT LNA
Programmable Gain Amplifier (PGA). The gain and
READABLE CONTROL REGISTERS
gain range of the PGA can be digitally configured
INTEGRATED CONTINUOUS WAVE (CW)
separately. The gain of the PGA can vary between
PROCESSOR
four discrete settings of 25dB, 30dB, 35dB, and
40dB. The VCA has four programmable maximum
attenuation settings: 29dB, 33dB, 36.5dB, and 40dB.
Also, the VCA can be continuously varied by a control
voltage from 0dB to a maximum of 29dB, 33dB,
36.5dB, and 40dB.
The output of the PGA feeds directly into an
integrated low-pass filter.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - VCA8617_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA8617PAGR BURR-BROWN-VCA8617PAGR Datasheet
400Kb / 26P
   8-Channel VARIABLE GAIN AMPLIFIER
VCA8617PAGT BURR-BROWN-VCA8617PAGT Datasheet
400Kb / 26P
   8-Channel VARIABLE GAIN AMPLIFIER
More results

Similar Description - VCA8617_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA8617 BURR-BROWN-VCA8617 Datasheet
400Kb / 26P
   8-Channel VARIABLE GAIN AMPLIFIER
logo
Texas Instruments
VCA8613 TI-VCA8613 Datasheet
378Kb / 21P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC997LC4 AD-HMC997LC4 Datasheet
453Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
OM7922 NXP-OM7922 Datasheet
104Kb / 2P
   Variable gain amplifier
5/21/2012
logo
Cooper Bussmann, Inc.
HMC6187LP4E COOPER-HMC6187LP4E Datasheet
1Mb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC996LP4E AD-HMC996LP4E Datasheet
479Kb / 8P
   VARIABLE GAIN AMPLIFIER
HMC6187LP4E AD-HMC6187LP4E Datasheet
1,008Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
RFHIC
2AM0405S RFHIC-2AM0405S Datasheet
890Kb / 9P
   Variable Gain Amplifier
logo
Analog Devices
AD8330 AD-AD8330_16 Datasheet
1Mb / 32P
   Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com