Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCA2619YT Datasheet(PDF) 3 Page - Texas Instruments

Part # VCA2619YT
Description  Dual, Variable Gain Amplifier with Input Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VCA2619YT Datasheet(HTML) 3 Page - Texas Instruments

  VCA2619YT Datasheet HTML 1Page - Texas Instruments VCA2619YT Datasheet HTML 2Page - Texas Instruments VCA2619YT Datasheet HTML 3Page - Texas Instruments VCA2619YT Datasheet HTML 4Page - Texas Instruments VCA2619YT Datasheet HTML 5Page - Texas Instruments VCA2619YT Datasheet HTML 6Page - Texas Instruments VCA2619YT Datasheet HTML 7Page - Texas Instruments VCA2619YT Datasheet HTML 8Page - Texas Instruments VCA2619YT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
VCA2619
SBOS276A − AUGUST 2003 − REVISED AUGUST 2003
www.ti.com
3
ELECTRICAL CHARACTERISTICS
At TA = +25°C, VDD = 5V, load resistance = 500on each output to ground single−ended output (1Vpp), MGS = 111, VCACNTL = 2.9V and
fIN = 5MHz, unless otherwise noted.
VCA2619
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
BUFFER
Input Resistance
600
k
Input Capacitance
5
pF
Input Bias Current
1
nA
Maximum Input Voltage
1
Vpp
Input Voltage Noise
PGA Gain = 45dB, RS = 50Ω
5.9
nV/
√Hz
Input Current Noise
Independent of Gain
350
fA/
√Hz
Noise Figure
RF = 550Ω, PGA Gain = 45dB, RS = 75Ω
13
dB
Bandwidth
100
MHz
PROGRAMMABLE VARIABLE GAIN AMPLIFIER
Peak Input Voltage
1
Vpp
−3dB Bandwidth
20
MHz
Slew Rate
300
V/
µs
Output Signal Range
RL ≥ 500Ω Each Side to Ground
2.5
±1
V
Output Impedance
1
Output Short−Circuit Current
±40
mA
3rd-Harmonic Distortion
VOUT = 1Vpp, VCACNTL = 2.9V
−45
−60
dBc
2nd-Harmonic Distortion
VOUT = 1Vpp, VCACNTL = 2.9V
−42
−50
dBc
2nd-Harmonic Distortion
Differential, VOUT = 2Vpp, VCACNTL = 3.0V, MGS = 011
−50
dBc
Overload Performance (2nd-Harmonic Distortion)
Input Signal = 0.5Vpp, VCACNTL = 2V
−40 to −45
dB
Time Delay
5
ns
IMD, 2−Tone
VOUT = 2Vpp, f = 9.95MHz
−59
dBc
Crosstalk
2Vpp Differential
−60
dB
ACCURACY
Gain Slope
VCACNTL = 0.4V to 2.9V
20
dB/V
Gain Error(1)
Output Offset Voltage
Gain Range
VCACNTL = 0.2V to 3.0V
VCACNTL = 0.4V to 2.9V
VCACNTL = 0.2V to 3.0V
VCACNTL = 0.4V to 2.9V
48
±2.75
±1.50
±50
52
50
±2.0
dB
dB
mV
dB
dB
GAIN CONTROL INTERFACE
Input Voltage (VCACNTL) Range
0 to 3.0
V
Input Resistance
Response Time
1
M
Input Resistance
Response Time
45dB Gain Change
0.2
µs
POWER SUPPLY
Specified Operating Range
4.75
5.0
5.25
V
Power Dissipation
240
300
mW
Power−Down
9.2
mW
(1) Referenced to best fit dB−linear curve.


Similar Part No. - VCA2619YT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA2619YT BURR-BROWN-VCA2619YT Datasheet
315Kb / 16P
   Dual, Variable Gain Amplifier with Input Buffer
More results

Similar Description - VCA2619YT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA2618 BURR-BROWN-VCA2618 Datasheet
326Kb / 14P
   Dual, VARIABLE GAIN AMPLIFIER with Input Buffer
VCA2614 BURR-BROWN-VCA2614 Datasheet
290Kb / 13P
   Dual, VARIABLE GAIN AMPLIFIER with Input Buffer
VCA2619 BURR-BROWN-VCA2619 Datasheet
315Kb / 16P
   Dual, Variable Gain Amplifier with Input Buffer
VCA2617 BURR-BROWN-VCA2617 Datasheet
526Kb / 19P
   Dual, Variable Gain Amplifier
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
VCA2612 TI1-VCA2612_14 Datasheet
1Mb / 25P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
logo
Burr-Brown (TI)
VCA2611 BURR-BROWN-VCA2611 Datasheet
389Kb / 19P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
VCA2613 BURR-BROWN-VCA2613 Datasheet
343Kb / 16P
   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
logo
Texas Instruments
VCA2615 TI-VCA2615 Datasheet
744Kb / 29P
[Old version datasheet]   Dual, Low-Noise Variable-Gain Amplifier with Preamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com