Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDD12SG60C Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IDD12SG60C
Description  3rd Generation thinQ!TM SiC Schottky Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDD12SG60C Datasheet(HTML) 1 Page - Infineon Technologies AG

  IDD12SG60C Datasheet HTML 1Page - Infineon Technologies AG IDD12SG60C Datasheet HTML 2Page - Infineon Technologies AG IDD12SG60C Datasheet HTML 3Page - Infineon Technologies AG IDD12SG60C Datasheet HTML 4Page - Infineon Technologies AG IDD12SG60C Datasheet HTML 5Page - Infineon Technologies AG IDD12SG60C Datasheet HTML 6Page - Infineon Technologies AG IDD12SG60C Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IDD12SG60C
3
rd Generation thinQ!TM SiC Schottky Diode
Features
• Revolutionary semiconductor material - Silicon Carbide
• Switching behavior benchmark
• No reverse recovery / No forward recovery
• Temperature independent switching behavior
• High surge current capability
• Pb-free lead plating; RoHS compliant
• Qualified according to JEDEC
1) for target applications
thinQ! 3G Diode designed for fast switching applications like:
Maximum ratings
Parameter
Symbol Conditions
Unit
Continuous forward current
I F
T C<130 °C
12
A
I F,SM
T C=25 °C, t p=10 ms
59
T C=150 °C, t p=10 ms
51
Non-repetitive peak forward current
I F,max
T C=25 °C, t p=10 µs
430
∫i
2dt
T C=25 °C, t p=10 ms
17
A
2s
T C=150 °C, t p=10 ms
12
Repetitive peak reverse voltage
V RRM
T j=25 °C
600
V
Diode dv/dt ruggedness
dv/ dt
VR= 0….480 V
50
V/ns
Power dissipation
P tot
T C=25 °C
125
W
Operating and storage temperature
T j, T stg
-55 ... 175
°C
Soldering temperature, reflow
soldering (max)
T sold
reflow MSL1
260
• Breakdown voltage tested at 20mA
2)
• Optimized for high temperature operation
• Lowest Figure of Merit QC/IF
i
²t value
Value
Surge non-repetitive forward current,
sine halfwave
• SMPS e.g.; CCM PFC
• Motor Drives; Solar Applications; UPS
VDC
600
V
Q
C
19
nC
IF; TC< 130 °C
12
A
Product Summary
Type
Package
Marking
Pin 1
Pin 2
Pin 3
IDD12SG60C
PG-TO252-3
D12G60C
n.c.
A
C
Rev. 2.4
page 1
2012-12-12


Similar Part No. - IDD12SG60C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDD12SG60C INFINEON-IDD12SG60C Datasheet
297Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-03-19
More results

Similar Description - IDD12SG60C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDD06SG60C INFINEON-IDD06SG60C Datasheet
274Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-03-19
IDH03SG60C INFINEON-IDH03SG60C Datasheet
242Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.2 2009-08-04
IDH04SG60C INFINEON-IDH04SG60C_12 Datasheet
550Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.4 2012-12-12
IDD03SG60C INFINEON-IDD03SG60C Datasheet
270Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-03-19
IDD09SG60C INFINEON-IDD09SG60C Datasheet
282Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-03-19
IDH04SG60C INFINEON-IDH04SG60C Datasheet
253Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.3 2009-08-04
IDH12SG60C INFINEON-IDH12SG60C Datasheet
235Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.2 2009-08-04
IDH06SG60CXKSA1 INFINEON-IDH06SG60CXKSA1 Datasheet
549Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.4 2012-12-12
IDH03SG60C INFINEON-IDH03SG60C_12 Datasheet
550Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.3 2012-12-12
IDD06SG60C INFINEON-IDD06SG60C_13 Datasheet
766Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.4 2013-02-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com