Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1311 Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # MM1311
Description  I2C BUS Control 4-Input 1-Output AV Switch Monolithic IC MM1311
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1311 Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  MM1311 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1311 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1311 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1311 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1311 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1311 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1311 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1311 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1311 Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MITSUMI
I2C BUS Control 4-Input 1-Output AV Switch MM1311
I
2C BUS Control 4-Input 1-Output AV Switch
Monolithic IC MM1311
Outline
This IC is a 4-input 1-output AV switch with I
2C control, developed for use in televisions.
Features
1. Serial control by I
2C BUS.
2. 4 inputs, 1 output.
3. Video and audio system switches can be controlled independently.
4. 6 dB amplifier built in to video system.
5. Built-in Y/C MIX circuit.
6. Slave address can be changed : 90H or 92H.
7. Audio muting possible by external pin.
8. Maintains high impedance even when I
2C BUS line (SDA, SCL) power supply is off.
9. Built-in 3 value discrimination function.
10. On-chip power ON reset function.
11. Two types of audio input impedance : 60k
Ω and 30kΩ.
MM1311AD : 60k
MM1311BD : 30k
Package
SDIP-32A (MM1311AD, MM1311BD)
Applications
1. Television
2. Other video equipment


Similar Part No. - MM1311

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1313 MITSUMI-MM1313 Datasheet
312Kb / 12P
   I2C BUS Control 5-Input 2-Output AV Switch
More results

Similar Description - MM1311

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1495 MITSUMI-MM1495 Datasheet
468Kb / 19P
   I2C BUS Control 5-Input 2-Output AV Switch Monolithic IC
MM1313 MITSUMI-MM1313 Datasheet
312Kb / 12P
   I2C BUS Control 5-Input 2-Output AV Switch
logo
Renesas Technology Corp
M52790SP RENESAS-M52790SP Datasheet
188Kb / 14P
   AV Switch with I2C Bus Control
logo
Mitsubishi Electric Sem...
M52791SP MITSUBISHI-M52791SP Datasheet
121Kb / 10P
   AV SWITCH with I2C BUS CONTROL
M52795SP MITSUBISHI-M52795SP Datasheet
114Kb / 9P
   AV SWITCH with I2C BUS CONTROL
M52797SP MITSUBISHI-M52797SP Datasheet
104Kb / 9P
   AV SWITCH with I2C BUS CONTROL
logo
Renesas Technology Corp
M52791SP RENESAS-M52791SP Datasheet
175Kb / 14P
   AV Switch with I2C Bus Control
M52795SP RENESAS-M52795SP Datasheet
3Mb / 10P
   AV SWITCH WITH I2C BUS CONTROL
logo
Mitsubishi Electric Sem...
M52790SP MITSUBISHI-M52790SP Datasheet
132Kb / 9P
   AV SWITCH with I2C BUS CONTROL
logo
Renesas Technology Corp
M52797SP RENESAS-M52797SP Datasheet
3Mb / 10P
   AV SWITCH WITH I2C BUS CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com