Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16C550 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SC16C550
Description  Universal Asynchronous Receiver/Transmitter (UART) with 16-byte FIFO and infrared (IrDA) encoder/decoder
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C550 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SC16C550 Datasheet HTML 7Page - NXP Semiconductors SC16C550 Datasheet HTML 8Page - NXP Semiconductors SC16C550 Datasheet HTML 9Page - NXP Semiconductors SC16C550 Datasheet HTML 10Page - NXP Semiconductors SC16C550 Datasheet HTML 11Page - NXP Semiconductors SC16C550 Datasheet HTML 12Page - NXP Semiconductors SC16C550 Datasheet HTML 13Page - NXP Semiconductors SC16C550 Datasheet HTML 14Page - NXP Semiconductors SC16C550 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
Philips Semiconductors
SC16C550
UART with 16-byte FIFO and IrDA encoder/decoder
Product data
Rev. 05 — 19 June 2003
11 of 52
9397 750 11619
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
6.3 Autoflow control (see Figure 5)
Autoflow control is comprised of auto-CTS and auto-RTS. With auto-CTS, the CTS
input must be active before the transmitter FIFO can emit data. With auto-RTS, RTS
becomes active when the receiver needs more data and notifies the sending serial
device. When RTS is connected to CTS, data transmission does not occur unless the
receiver FIFO has space for the data; thus, overrun errors are eliminated using
UART 1 and UART 2 from a SC16C550 with the autoflow control enabled. If not,
overrun errors occur when the transmit data rate exceeds the receiver FIFO read
latency.
6.3.1
Auto-RTS (see Figure 5)
Auto-RTS data flow control originates in the receiver timing and control block (see
Figure 1 “Block diagram.”) and is linked to the programmed receiver FIFO trigger
level. When the receiver FIFO level reaches a trigger level of 1, 4, or 8 (see Figure 7),
RTS is de-asserted. With trigger levels of 1, 4, and 8, the sending UART may send an
additional byte after the trigger level is reached (assuming the sending UART has
another byte to send) because it may not recognize the de-assertion of RTS until
after it has begun sending the additional byte. RTS is automatically reasserted once
the RX FIFO is emptied by reading the receiver buffer register. When the trigger level
is 14 (see Figure 8), RTS is de-asserted after the first data bit of the 16th character is
present on the RX line. RTS is reasserted when the RX FIFO has at least one
available byte space.
Table 4:
Flow control mechanism
Selected trigger level
(characters)
INT pin activation
Negate RTS or
send Xoff
Assert RTS or
send Xon
11
4
1
44
8
4
8
8
12
8
14
14
14
10
Fig 5.
Autoflow control (auto-RTS and auto-CTS) example.
RCV
FIFO
SERIAL TO
PARALLEL
FLOW
CONTROL
XMT
FIFO
PARALLEL
TO SERIAL
FLOW
CONTROL
PARALLEL
TO SERIAL
FLOW
CONTROL
SERIAL TO
PARALLEL
FLOW
XMT
FIFO
RCV
FIFO
ACE1
ACE2
D7 – D0
RX
TX
RTS
CTS
TX
RX
D7 – D0
CONTROL
002aaa048
CTS
RTS


Similar Part No. - SC16C550

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C550B PHILIPS-SC16C550B Datasheet
229Kb / 47P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 02-14 December 2004
SC16C550B NXP-SC16C550B Datasheet
239Kb / 48P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 05-1 October 2008
SC16C550BIA44 PHILIPS-SC16C550BIA44 Datasheet
229Kb / 47P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 02-14 December 2004
SC16C550BIA44 NXP-SC16C550BIA44 Datasheet
239Kb / 48P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 05-1 October 2008
SC16C550BIB48 PHILIPS-SC16C550BIB48 Datasheet
229Kb / 47P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 02-14 December 2004
More results

Similar Description - SC16C550

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C650A PHILIPS-SC16C650A Datasheet
642Kb / 50P
   Universal Asynchronous Receiver/Transmitter (UART) with 32-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-20 June 2003
SC16C554 PHILIPS-SC16C554 Datasheet
276Kb / 55P
   Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-10 May 2004
logo
Exar Corporation
ST16C580 EXAR-ST16C580_05 Datasheet
212Kb / 39P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580 EXAR-ST16C580 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C654 PHILIPS-SC16C654 Datasheet
647Kb / 52P
   Quad UART with 64-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-19 June 2003
logo
Exar Corporation
ST16654 EXAR-ST16654 Datasheet
444Kb / 49P
   QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C750 PHILIPS-SC16C750 Datasheet
598Kb / 45P
   Universal Asynchronous Receiver/Transmitter (UART) with 64-byte FIFO
Rev. 04-20 June 2003
logo
IMP, Inc
IMP16C552 IMP-IMP16C552 Datasheet
783Kb / 34P
   Dual Universal Asynchronous Receiver/Transmitter (UART) with 16-BYTE FIFO & Parallel Printer Port
logo
Intersil Corporation
IM7332 INTERSIL-IM7332 Datasheet
1Mb / 36P
   Universal Asynchronous Receiver Transmitter(UART)
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
   Universal Asynchronous Receiver Transmitter(UART)
06/15/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com