Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC842LYC5 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC842LYC5
Description  Comparator with Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC842LYC5 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC842LYC5 Datasheet HTML 1Page - Micrel Semiconductor MIC842LYC5 Datasheet HTML 2Page - Micrel Semiconductor MIC842LYC5 Datasheet HTML 3Page - Micrel Semiconductor MIC842LYC5 Datasheet HTML 4Page - Micrel Semiconductor MIC842LYC5 Datasheet HTML 5Page - Micrel Semiconductor MIC842LYC5 Datasheet HTML 6Page - Micrel Semiconductor MIC842LYC5 Datasheet HTML 7Page - Micrel Semiconductor MIC842LYC5 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
September 2004
1
MIC841/2
MIC841/2
Micrel
MIC841/842
Comparator with Reference
Typical Application
HTH
OUT
VDD
LTH
GND
MIC841
VIN
R1
R2
R3
VOUT
VDD
VLTH > VHTH
VREF = 1.24V
1.5V
≤ V
DD ≤ 5.5V
5
3
1
4
2
Threshold Detection with Hysteresis Set by a Third
External Resistor
Features
• Optimized for PDAs, cellular telephones, pagers,
and other battery-powered devices
• Output can be pulled up to 6V regardless of supply
voltage (841NBC5 only)
• High
±1.25% voltage threshold accuracy
• Built in hysteresis for noise suppression
(MIC842)
• Extremely low 1.5
µA typical supply current
• Immune to brief input transients
• Teeny™ 5-lead SC-70 package
Applications
• PDAs
• Pagers
• Cordless phones
• Consumer electronics
• Embedded controllers
• Personal electronics
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The MIC841 and MIC842 are micropower, precision voltage
comparators with an on-chip voltage reference.
Both devices are intended for voltage monitoring applications.
External resistors are used to set the voltage monitor threshold.
When the threshold is crossed, the outputs switch polarity.
The MIC842 incorporates a voltage reference and comparator
with fixed internal hysteresis; two external resistors are used to
set the switching threshold voltage. The MIC841 provides a
similar function with user adjustable hysteresis; this part re-
quires three external resistors to set the upper and lower
thresholds (the difference between the threshold voltages
being the hysteresis voltage).
Both the MIC841 and MIC842 are available with push-pull or
open-drain output stage. The push-pull output stage is config-
ured either active high or active low; the open-drain output stage
is only configured active high.
Supply current is extremely low (1.5
µA, typical), making it ideal
for portable applications.
The MIC841/2 is supplied in Micrel’s Teeny™ 5-lead SC-70
package.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Teeny™ is a trademark of Micrel, Inc.
INP
OUT
VDD
GND
MIC842
VIN
R1
R2
VOUT
VDD
VREF = 1.24V
1.5V
≤ V
DD ≤ 5.5V
4
2
1
5
Threshold Detector with Internal Fixed Hysteresis
Teeny™


Similar Part No. - MIC842LYC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC842LYC5 MICREL-MIC842LYC5 Datasheet
485Kb / 8P
   Comparator with Reference
MIC842LYC5 MICREL-MIC842LYC5 Datasheet
320Kb / 8P
   Comparator with 1.25% Reference and Adjustable Hysteresis
MIC842LYC5 MICREL-MIC842LYC5 Datasheet
321Kb / 8P
   Comparator with 1.25% Reference and Adjustable Hysteresis
MIC842LYC5 MICREL-MIC842LYC5 Datasheet
850Kb / 11P
   Comparator with 1.25% Reference and Adjustable Hysteresis
More results

Similar Description - MIC842LYC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC841 MICREL-MIC841_05 Datasheet
485Kb / 8P
   Comparator with Reference
logo
Linear Technology
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440 Datasheet
541Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Renesas Technology Corp
ISL21440 RENESAS-ISL21440 Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440_11 Datasheet
845Kb / 16P
   Micropower Voltage Reference with Comparator
logo
Micrel Semiconductor
MIC834 MICREL-MIC834 Datasheet
46Kb / 8P
   Comparator with Reference Advance Information
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Micrel Semiconductor
MIC833 MICREL-MIC833_02 Datasheet
42Kb / 8P
   Comparator and Reference with Adj. Hystersis
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com