Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EPT622 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC100EPT622
Description  3.3V LVTTL/LVCMOS to LVPECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT622 Datasheet(HTML) 3 Page - ON Semiconductor

  MC100EPT622_11 Datasheet HTML 1Page - ON Semiconductor MC100EPT622_11 Datasheet HTML 2Page - ON Semiconductor MC100EPT622_11 Datasheet HTML 3Page - ON Semiconductor MC100EPT622_11 Datasheet HTML 4Page - ON Semiconductor MC100EPT622_11 Datasheet HTML 5Page - ON Semiconductor MC100EPT622_11 Datasheet HTML 6Page - ON Semiconductor MC100EPT622_11 Datasheet HTML 7Page - ON Semiconductor MC100EPT622_11 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC100EPT622
http://onsemi.com
3
Table 2. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
N/A
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 2 kV
> 150 V
> 2 kV
Moisture Sensitivity, Indefinite Time Out of Drypack
Pb Pkg
Pb−Free Pkg
LQFP−32
QFN−32
Level 2
N/A
Level 2
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
596 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Table 3. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
Power Supply
VEE = 0 V
5
V
VI
Input Voltage
VEE = 0 V
VI  VCC
5 to 0
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
32 LQFP
32 LQFP
80
55
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
32 LQFP
12 to 17
°C/W
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
QFN−32
QFN−32
31
27
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
2S2P
QFN−32
12
°C/W
Tsol
Wave Solder
Pb
Pb−Free
265
265
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 4. TTL INPUT DC CHARACTERISTICS VCC = 3.3 V, GND= 0.0 V, TA = −40°C to 85°C
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
IIH
Input HIGH Current
VIN= 2.7 V
25
mA
IIHH
Input HIGH Current MAX
VIN= VCC
100
mA
IIL
Input LOW Current
VIN= 0.5 V
−0.6
mA
VIK
Input Clamp Voltage
IIN= −18 mA
−1.2
−0.9
V
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


Similar Part No. - MC100EPT622_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT622FA ONSEMI-MC100EPT622FA Datasheet
73Kb / 8P
   3.3V LVTTL/LVCMOS to LVPECL Translator
December, 2002 - Rev. 2
MC100EPT622FA ONSEMI-MC100EPT622FA Datasheet
129Kb / 7P
   3.3V LVTTL/LVCMOS to LVPECL Translator
November, 2006 ??Rev. 4
MC100EPT622FAG ONSEMI-MC100EPT622FAG Datasheet
129Kb / 7P
   3.3V LVTTL/LVCMOS to LVPECL Translator
November, 2006 ??Rev. 4
MC100EPT622FAR2 ONSEMI-MC100EPT622FAR2 Datasheet
73Kb / 8P
   3.3V LVTTL/LVCMOS to LVPECL Translator
December, 2002 - Rev. 2
MC100EPT622FAR2 ONSEMI-MC100EPT622FAR2 Datasheet
129Kb / 7P
   3.3V LVTTL/LVCMOS to LVPECL Translator
November, 2006 ??Rev. 4
More results

Similar Description - MC100EPT622_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT622 ONSEMI-MC100EPT622 Datasheet
73Kb / 8P
   3.3V LVTTL/LVCMOS to LVPECL Translator
December, 2002 - Rev. 2
MC100EPT622 ONSEMI-MC100EPT622_06 Datasheet
129Kb / 7P
   3.3V LVTTL/LVCMOS to LVPECL Translator
November, 2006 ??Rev. 4
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
MC100LVELT20 ONSEMI-MC100LVELT20_06 Datasheet
106Kb / 7P
   3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
logo
List of Unclassifed Man...
T73LVP20 ETC1-T73LVP20 Datasheet
418Kb / 5P
   3.3V LVTTL/LVCMOS-to-Differential LVPECL Translator
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_16 Datasheet
150Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 12
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_10 Datasheet
74Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_07 Datasheet
80Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
March, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com