Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EPT21MNR4G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC100EPT21MNR4G
Description  3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT21MNR4G Datasheet(HTML) 5 Page - ON Semiconductor

  MC100EPT21MNR4G Datasheet HTML 1Page - ON Semiconductor MC100EPT21MNR4G Datasheet HTML 2Page - ON Semiconductor MC100EPT21MNR4G Datasheet HTML 3Page - ON Semiconductor MC100EPT21MNR4G Datasheet HTML 4Page - ON Semiconductor MC100EPT21MNR4G Datasheet HTML 5Page - ON Semiconductor MC100EPT21MNR4G Datasheet HTML 6Page - ON Semiconductor MC100EPT21MNR4G Datasheet HTML 7Page - ON Semiconductor MC100EPT21MNR4G Datasheet HTML 8Page - ON Semiconductor MC100EPT21MNR4G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC100EPT21
http://onsemi.com
5
Figure 2. Fmax
0
500
1000
1500
2000
2500
3000
0
50
100
150
200
250
300
350
400
450
500
550
600
FREQUENCY (MHz)
VOH
VOL  0.5 V
Figure 3. TTL Output Loading Used For Device Evaluation
CHARACTERISTIC TEST
CL*RL
AC TEST LOAD
GND
*CL includes
fixture
capacitance
APPLICATION
TTL RECEIVER


Similar Part No. - MC100EPT21MNR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT21MNR4G ONSEMI-MC100EPT21MNR4G Datasheet
83Kb / 8P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
More results

Similar Description - MC100EPT21MNR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT21 ONSEMI-MC100EPT21_06 Datasheet
83Kb / 8P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT23 ONSEMI-MC100EPT23_06 Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
logo
Texas Instruments
SN65EPT23 TI-SN65EPT23 Datasheet
254Kb / 10P
[Old version datasheet]   3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
SN65EPT23 TI-SN65EPT23_10 Datasheet
402Kb / 12P
[Old version datasheet]   3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
logo
ON Semiconductor
MC100EPT23 ONSEMI-MC100EPT23_16 Datasheet
163Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
August, 2016 ??Rev. 19
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
logo
Micrel Semiconductor
SY89321L MICREL-SY89321L_08 Datasheet
48Kb / 5P
   3.3V DIFFERENTIAL LVPECL/CML/LVDS-to-LVTTL
logo
ON Semiconductor
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
MC100LVELT20 ONSEMI-MC100LVELT20_06 Datasheet
106Kb / 7P
   3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com