Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCA810 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # VCA810
Description  VCA810 High Gain Adjust Range, Wideband and Variable Gain Amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VCA810 Datasheet(HTML) 5 Page - Texas Instruments

  VCA810 Datasheet HTML 1Page - Texas Instruments VCA810 Datasheet HTML 2Page - Texas Instruments VCA810 Datasheet HTML 3Page - Texas Instruments VCA810 Datasheet HTML 4Page - Texas Instruments VCA810 Datasheet HTML 5Page - Texas Instruments VCA810 Datasheet HTML 6Page - Texas Instruments VCA810 Datasheet HTML 7Page - Texas Instruments VCA810 Datasheet HTML 8Page - Texas Instruments VCA810 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
VCA810
www.ti.com
SBOS275G – JUNE 2003 – REVISED DECEMBER 2015
7.5 Electrical Characteristics
At RL = 500 Ω and VIN = single-ended input on V+ with V− at ground, VS = ±5 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
TEST LEVEL
(1)
MIN
TYP
MAX
UNIT
AC PERFORMANCE
TJ = 25°C
35
TJ = 25°C
(2)
30
Small-signal bandwidth (see
−2 V ≤ VC ≤ 0 V
MHz
Functional Block Diagram)
TJ = 0°C to 70°C
(3)
B
29
TJ = –40°C to 85°C
(3)
29
TJ = 25°C
35
TJ = 25°C
(2)
30
Large-signal bandwidth
VO = 2 VPP, −2 ≤ VC ≤ −1
B
MHz
TJ = 0°C to 70°C
(3)
29
TJ = –40°C to 85°C
(3)
29
TJ = 25°C
0.1
TJ = 25°C
(2)
0.5
Frequency response peaking
VO < 500 mVPP, −2 V ≤ VC ≤ 0 V
B
dB
TJ = 0°C to 70°C
(3)
0.5
TJ = –40°C to 85°C
(3)
0.5
TJ = 25°C
350
TJ = 25°C
(2)
300
VO = 3.5-V step, −2 ≤ VC ≤ −1,
Slew rate
B
V/
μs
10% to 90%
TJ = 0°C to 70°C
(3)
300
TJ = –40°C to 85°C
(3)
295
TJ = 25°C
30
TJ = 25°C
(2)
40
Settling time to 0.01%
VO = 1-V step, −2 ≤ VC ≤ −1
B
ns
TJ = 0°C to 70°C
(3)
41
TJ = –40°C to 85°C
(3)
41
TJ = 25°C
10
TJ = 25°C
(2)
12
Rise-and-fall time
VO = 1-V step, −2 ≤ VC ≤ −1
B
ns
TJ = 0°C to 70°C
(3)
12.1
TJ = –40°C to 85°C
(3)
12.1
G = 0 dB, VC= −1 V, f = 5 MHz,
Group delay
TJ = 25°C
C
6.2
ns
VO = 500 mVPP
VO < 500 mVPP, −2 V ≤ VC ≤ 0 V,
Group delay variation
TJ = 25°C
C
3.5
ns
f = 5 MHz
TJ = 25°C
–71
TJ = 25°C
(2)
–51
VO = 1 VPP, f = 1 MHz,
HD2
Second harmonic distortion
B
dBc
VC = −1 V, G = 0 dB
TJ = 0°C to 70°C
(3)
–50
TJ = –40°C to 85°C
(3)
–49
TJ = 25°C
−35
TJ = 25°C
(2)
–34
VO = 1 VPP, f = 1 MHz,
HD3
Third harmonic distortion
B
dBc
VC = −1 V, G = 0 dB
TJ = 0°C to 70°C
(3)
–32
TJ = –40°C to 85°C
(3)
–29
TJ = 25°C
2.4
TJ = 25°C
(2)
2.8
Input voltage noise
VC = −2 V
B
nV/
√Hz
TJ = 0°C to 70°C
(3)
3.4
TJ = –40°C to 85°C
(3)
3.5
TJ = 25°C
1.4
TJ = 25°C
(2)
1.8
Input current noise
−2 V ≤ VC ≤ 0 V
B
pA/
√Hz
TJ = 0°C to 70°C
(3)
2
TJ = –40°C to 85°C
(3)
2.1
TJ = 25°C
−80
Fully attenuated feedthrough
f
≤ 1 MHz, VC > 200 mV
B
dB
TJ = 25°C
(2)
−70
TJ = 25°C
100
VIN = 2 V to 0 V, VC = −2 V,
Overdrive recovery
B
ns
G = 40 dB
TJ = 25°C
(2)
150
(1)
Test levels: (A) 100% tested at 25°C. Over temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation. (C) Typical value; only for information.
(2)
Junction temperature = ambient for 25°C tested specifications.
(3)
Junction temperature = ambient at low temperature limit; junction temperature = ambient 30°C at high temperature limit for over
temperature specifications.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: VCA810


Similar Part No. - VCA810

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA810 BURR-BROWN-VCA810 Datasheet
417Kb / 25P
   High Gain Adjust Range, Wideband, Voltage-Controlled Amplifier
logo
Texas Instruments
VCA810 TI-VCA810 Datasheet
899Kb / 35P
[Old version datasheet]   Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
logo
Burr-Brown (TI)
VCA810AID BURR-BROWN-VCA810AID Datasheet
417Kb / 25P
   High Gain Adjust Range, Wideband, Voltage-Controlled Amplifier
logo
Texas Instruments
VCA810AID TI1-VCA810AID Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
logo
Burr-Brown (TI)
VCA810AIDR BURR-BROWN-VCA810AIDR Datasheet
417Kb / 25P
   High Gain Adjust Range, Wideband, Voltage-Controlled Amplifier
More results

Similar Description - VCA810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA822 TI-VCA822 Datasheet
899Kb / 35P
[Old version datasheet]   Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA824 TI-VCA824_08 Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
logo
Burr-Brown (TI)
VCA810 BURR-BROWN-VCA810 Datasheet
417Kb / 25P
   High Gain Adjust Range, Wideband, Voltage-Controlled Amplifier
logo
Texas Instruments
VCA824 TI1-VCA824_17 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824 TI1-VCA824_16 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com