Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EP196FAR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100EP196FAR2G
Description  3.3V ECL Programmable Delay Chip with FTUNE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP196FAR2G Datasheet(HTML) 2 Page - ON Semiconductor

  MC100EP196FAR2G Datasheet HTML 1Page - ON Semiconductor MC100EP196FAR2G Datasheet HTML 2Page - ON Semiconductor MC100EP196FAR2G Datasheet HTML 3Page - ON Semiconductor MC100EP196FAR2G Datasheet HTML 4Page - ON Semiconductor MC100EP196FAR2G Datasheet HTML 5Page - ON Semiconductor MC100EP196FAR2G Datasheet HTML 6Page - ON Semiconductor MC100EP196FAR2G Datasheet HTML 7Page - ON Semiconductor MC100EP196FAR2G Datasheet HTML 8Page - ON Semiconductor MC100EP196FAR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MC100EP196
http://onsemi.com
2
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
1
2345
678
24
23
22
21
20
19
18
17
16
Figure 1. 32−Lead LQFP Pinout (Top View)
VEE D0 VCC QQ
FTUNE
VCC VCC
CASCADE
EN
SETMAX
VCC
VEE
LEN
D2
D1
CASCADE
SETMIN
VBB
IN
VEE
D8
VEF
D3
D4
D5
D6
D7
D9 D10
IN
VCF
MC100EP196


Similar Part No. - MC100EP196FAR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP196FAR2G ONSEMI-MC100EP196FAR2G Datasheet
215Kb / 18P
   3.3V ECL Programmable Delay Chip with FTUNE
November, 2006 ??Rev. 12
More results

Similar Description - MC100EP196FAR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP196 ONSEMI-MC100EP196 Datasheet
146Kb / 20P
   3.3V ECL Programmable Delay Chip with FTUNE
October, 2004 ??Rev. 10
MC100EP196 ONSEMI-MC100EP196_06 Datasheet
215Kb / 18P
   3.3V ECL Programmable Delay Chip with FTUNE
November, 2006 ??Rev. 12
MC100EP196B ONSEMI-MC100EP196B_14 Datasheet
165Kb / 18P
   ECL Programmable Delay Chip With FTUNE
June, 2014 ??Rev. 2
MC100EP196B ONSEMI-MC100EP196B Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC100EP195FA ONSEMI-MC100EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com