Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EP196 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC100EP196
Description  3.3V ECL Programmable Delay Chip with FTUNE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP196 Datasheet(HTML) 3 Page - ON Semiconductor

  MC100EP196_14 Datasheet HTML 1Page - ON Semiconductor MC100EP196_14 Datasheet HTML 2Page - ON Semiconductor MC100EP196_14 Datasheet HTML 3Page - ON Semiconductor MC100EP196_14 Datasheet HTML 4Page - ON Semiconductor MC100EP196_14 Datasheet HTML 5Page - ON Semiconductor MC100EP196_14 Datasheet HTML 6Page - ON Semiconductor MC100EP196_14 Datasheet HTML 7Page - ON Semiconductor MC100EP196_14 Datasheet HTML 8Page - ON Semiconductor MC100EP196_14 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MC100EP196
http://onsemi.com
3
Table 1. PIN DESCRIPTION
Pin
Name
I/O
Default State
Description
23, 25, 26, 27,
29, 30, 31, 32,
1, 2
D[0:9]
LVCMOS, LVTTL,
ECL Input
LOW
Single−ended Parallel Data Inputs [0:9]. Internal 75 k
W to VEE.
(Note 1)
3
D[10]
LVCMOS, LVTTL,
ECL Input
LOW
Single−ended CASCADE/CASCADE Control Input. Internal 75 k
W
to VEE. (Note 1)
4
IN
ECL Input
LOW
Noninverted Differential Input. Internal 75 k
W to VEE.
5
IN
ECL Input
HIGH
Inverted Differential Input. Internal 75 k
W to VEE.
6
VBB
ECL Reference Voltage Output
7
VEF
Reference Voltage for ECL Mode Connection
8
VCF
LVCMOS, ECL, OR LVTTL Input Mode Select
9, 28
VEE
Negative Supply Voltage. All VEE Pins must be Externally Connec-
ted to Power Supply to Guarantee Proper Operation. (Note 2)
13, 18, 19, 22
VCC
Positive Supply Voltage. All VCC Pins must be externally Connec-
ted to Power Supply to Guarantee Proper Operation. (Note 2)
10
LEN
ECL Input
LOW
Single−ended D pins LOAD / HOLD input. Internal 75 k
W to VEE.
11
SETMIN
ECL Input
LOW
Single−ended Minimum Delay Set Logic Input. Internal 75 k
W to
VEE. (Note 1)
12
SETMAX
ECL Input
LOW
Single−ended Maximum Delay Set Logic Input. Internal 75 k
W to
VEE. (Note 1)
14
CASCADE
ECL Output
Inverted Differential Cascade Output for D[10] Input. Typically Ter-
minated with 50
W to VTT = VCC − 2 V.
15
CASCADE
ECL Output
Noninverted Differential Cascade Output for D[10] Input. Typically
Terminated with 50
W to VTT = VCC − 2 V.
16
EN
ECL Input
LOW
Single−ended Output Enable Pin. Internal 75 k
W to VEE.
17
FTUNE
Analog Input
Fine Tuning Input.
21
Q
ECL Output
Noninverted Differential Output. Typically Terminated with 50
W to
VTT = VCC − 2 V.
20
Q
ECL Output
Inverted Differential Output. Typically Terminated with 50
W to
VTT = VCC − 2 V.
1. SETMIN will override SETMAX if both are high. SETMAX and SETMIN will override all D[0:10] inputs.
2. All VCC and VEE pins must be externally connected to Power Supply to guarantee proper operation.


Similar Part No. - MC100EP196_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP196A ONSEMI-MC100EP196A Datasheet
158Kb / 18P
   3.3 V ECL Programmable Delay Chip
September, 2006 ??Rev. 0
MC100EP196AMNG ONSEMI-MC100EP196AMNG Datasheet
158Kb / 18P
   3.3 V ECL Programmable Delay Chip
September, 2006 ??Rev. 0
MC100EP196AMNR4G ONSEMI-MC100EP196AMNR4G Datasheet
158Kb / 18P
   3.3 V ECL Programmable Delay Chip
September, 2006 ??Rev. 0
MC100EP196B ONSEMI-MC100EP196B Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
MC100EP196BFA ONSEMI-MC100EP196BFA Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
More results

Similar Description - MC100EP196_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP196 ONSEMI-MC100EP196 Datasheet
146Kb / 20P
   3.3V ECL Programmable Delay Chip with FTUNE
October, 2004 ??Rev. 10
MC100EP196 ONSEMI-MC100EP196_06 Datasheet
215Kb / 18P
   3.3V ECL Programmable Delay Chip with FTUNE
November, 2006 ??Rev. 12
MC100EP196B ONSEMI-MC100EP196B_14 Datasheet
165Kb / 18P
   ECL Programmable Delay Chip With FTUNE
June, 2014 ??Rev. 2
MC100EP196B ONSEMI-MC100EP196B Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC100EP195FA ONSEMI-MC100EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com