Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDH03SG60C Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IDH03SG60C
Description  3rd Generation thinQ!TM SiC Schottky Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDH03SG60C Datasheet(HTML) 2 Page - Infineon Technologies AG

  IDH03SG60C_12 Datasheet HTML 1Page - Infineon Technologies AG IDH03SG60C_12 Datasheet HTML 2Page - Infineon Technologies AG IDH03SG60C_12 Datasheet HTML 3Page - Infineon Technologies AG IDH03SG60C_12 Datasheet HTML 4Page - Infineon Technologies AG IDH03SG60C_12 Datasheet HTML 5Page - Infineon Technologies AG IDH03SG60C_12 Datasheet HTML 6Page - Infineon Technologies AG IDH03SG60C_12 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IDH03SG60C
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
-
-
3.9
K/W
Thermal resistance,
junction - ambient
Thermal resistance,
junction- ambient,
leaded
-
-
62
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
DC blocking voltage
V DC
I R=0.05 mA, T j=25 °C
600
-
-
V
Diode forward voltage
V F
I F=3 A, T j=25 °C
-
2.1
2.3
I F=3 A, T j=150 °C
-
2.8
-
Reverse current
I R
V R=600 V, T j=25 °C
-
0.23
15
µA
V R=600 V, T j=150 °C
-
1
150
AC characteristics
Total capacitive charge
Q c
-
3.2
-
nC
Switching time
3)
t c
-
-
<10
ns
Total capacitance
C
V R=1 V, f =1 MHz
-
60
-
pF
V R=300 V, f =1 MHz
-
8
-
V R=600 V, f =1 MHz
-
8
-
1) J-STD20 and JESD22
5) Only capacitive charge occuring, guaranteed by design.
Values
V R=400 V,I F≤I F,max,
di F/dt =200 A/µs,
T j=150 °C
R thJA
4) Under worst case Z
th conditions.
2) All devices tested under avalanche conditions, for a time periode of 10ms, at 20mA.
3) t
c is the time constant for the capacitive displacement current waveform (independent from Tj, ILOAD and
di/dt), different from trr which is dependent on Tj, ILOAD and di/dt. No reverse recovery time constant trr due
to absence of minority carrier injection.
Rev. 2.3
page 2
2012-12-12


Similar Part No. - IDH03SG60C_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDH03SG60C INFINEON-IDH03SG60C Datasheet
242Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.2 2009-08-04
More results

Similar Description - IDH03SG60C_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDD06SG60C INFINEON-IDD06SG60C Datasheet
274Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-03-19
IDH03SG60C INFINEON-IDH03SG60C Datasheet
242Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.2 2009-08-04
IDH04SG60C INFINEON-IDH04SG60C_12 Datasheet
550Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.4 2012-12-12
IDD12SG60C INFINEON-IDD12SG60C_12 Datasheet
243Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.4 2012-12-12
IDD03SG60C INFINEON-IDD03SG60C Datasheet
270Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-03-19
IDD09SG60C INFINEON-IDD09SG60C Datasheet
282Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-03-19
IDH04SG60C INFINEON-IDH04SG60C Datasheet
253Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.3 2009-08-04
IDH12SG60C INFINEON-IDH12SG60C Datasheet
235Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.2 2009-08-04
IDH06SG60CXKSA1 INFINEON-IDH06SG60CXKSA1 Datasheet
549Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.4 2012-12-12
IDD06SG60C INFINEON-IDD06SG60C_13 Datasheet
766Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.4 2013-02-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com