Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD9222-EP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCD9222-EP
Description  DIGITAL PWM SYSTEM CONTROLLER WITH 4-BIT, 6-BIT, OR 8-BIT VID SUPPORT
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD9222-EP Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCD9222-EP Datasheet HTML 4Page - Texas Instruments UCD9222-EP Datasheet HTML 5Page - Texas Instruments UCD9222-EP Datasheet HTML 6Page - Texas Instruments UCD9222-EP Datasheet HTML 7Page - Texas Instruments UCD9222-EP Datasheet HTML 8Page - Texas Instruments UCD9222-EP Datasheet HTML 9Page - Texas Instruments UCD9222-EP Datasheet HTML 10Page - Texas Instruments UCD9222-EP Datasheet HTML 11Page - Texas Instruments UCD9222-EP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
12-bit
ADC
260 ksps
Osc
ARM-7 core
EAp2
EAn2
CS1A
CS2A
VinMon
IinMon/AuxADC4
Vtrack/AuxADC3
Temp2/AuxADC2
Temp1/AuxADC1
V33x
xGnd
Analog Front End
(AFE)
Ref
ADC
6 bit
IIR
3P/3Z
Err
Amp
EAp1
EAn1
Coeff.
Regs
Compensator
Analog Front End
POR/BOR
Ref 1
Analog Comparators
OC
DPWM1
PMBus_Clk
PMBus_Data
PMBus_Alert
PMBus_Cntrl
5
6
BPCap
VID1A
VID1B
VID1C
VID1S
VID2A
VID2B
VID2C
VID2S
VID
1 - 2
Compensator
3P/3Z IIR
Flash
Memory with
ECC
Diff
Amp
Fusion Power Peripheral 2
Fusion Power Peripheral 1
Internal
Temp Sense
3.3V reg.
controller
& 1.8V
regulator
Ref 2
Digital
High Res
PWM
Digital
High Res
PWM
TCK
TDI
TDO
TMS
RCK
nTRST
OC
DPWM2
nRESET
Addr0
Addr1
DPWM2A
FLT2A
DPWM1A
FLT1A
SyncIn/JTAG_TDI
SyncOut/JTAG_TDO
JTAG
PowerGood
PG1
PG2
EN1
EN2
GPIO
PMBus
UCD9222-EP
SLVSBY1 – OCTOBER 2013
www.ti.com
I
2C/SMBus/PMBus TIMING REQUIREMENTS (continued)
TJ = –55°C to 115°C, 3 V < V33 < 3.6 V, typical values at TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tRISE
Clock/data rise time
Fall time tFALL = 0.9 V33 to (VILMAX – 0.15) , TJ = -
1000
ns
40°C to 115°C
CIN
FUNCTIONAL BLOCK DIAGRAM
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :UCD9222-EP


Similar Part No. - UCD9222-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9222-EP TI1-UCD9222-EP Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL PWM SYSTEM CONTROLLER WITH 4-BIT, 6-BIT, OR 8-BIT VID SUPPORT
More results

Similar Description - UCD9222-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9244 TI1-UCD9244 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
UCD9222-EP TI1-UCD9222-EP Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL PWM SYSTEM CONTROLLER WITH 4-BIT, 6-BIT, OR 8-BIT VID SUPPORT
UCD9244 TI1-UCD9244_15 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
UCD9222 TI1-UCD9222 Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
UCD9244-EP TI1-UCD9244-EP Datasheet
1Mb / 44P
[Old version datasheet]   UCD9244-EP Digital PWM System Controller with 4-Bit, 6-Bit, or 8-Bit VID Support
logo
Richtek Technology Corp...
RT8113 RICHTEK-RT8113 Datasheet
366Kb / 21P
   Single Phase VR11.1 PWM Controller with 7-bit VID
logo
Renesas Technology Corp
ISL6327A RENESAS-ISL6327A Datasheet
1Mb / 30P
   Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing
logo
Fairchild Semiconductor
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
logo
Intersil Corporation
ISL6307 INTERSIL-ISL6307 Datasheet
976Kb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
ISL6327 INTERSIL-ISL6327 Datasheet
659Kb / 30P
   Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com