Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EL90 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC100EL90
Description  -3.3 V / -5V Triple ECL Input to PECL Output Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL90 Datasheet(HTML) 5 Page - ON Semiconductor

  MC100EL90 Datasheet HTML 1Page - ON Semiconductor MC100EL90 Datasheet HTML 2Page - ON Semiconductor MC100EL90 Datasheet HTML 3Page - ON Semiconductor MC100EL90 Datasheet HTML 4Page - ON Semiconductor MC100EL90 Datasheet HTML 5Page - ON Semiconductor MC100EL90 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC100EL90
www.onsemi.com
5
PACKAGE DIMENSIONS
SOIC−20 WB
DW SUFFIX
CASE 751D−05
ISSUE H
20
1
11
10
b
20X
c
18X
A1
A
SEATING
PLANE
q
E
D
M
0.25
S
A
S
B
T
e
T
B
A
DIM
MIN
MAX
MILLIMETERS
A
2.35
2.65
A1
0.10
0.25
b
0.35
0.49
c
0.23
0.32
D
12.65
12.95
E
7.40
7.60
e
1.27 BSC
H
10.05
10.55
h
0.25
0.75
L
0.50
0.90
q
0
7
NOTES:
1. DIMENSIONS ARE IN MILLIMETERS.
2. INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M, 1994.
3. DIMENSIONS D AND E DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE PROTRUSION
SHALL BE 0.13 TOTAL IN EXCESS OF B
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
__
11.00
20X
0.52
20X
1.30
1.27
DIMENSIONS: MILLIMETERS
1
PITCH
*For additional information on our Pb-Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
RECOMMENDED
10
20
11


Similar Part No. - MC100EL90

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL90 ONSEMI-MC100EL90 Datasheet
114Kb / 4P
   Triple ECL to PECL Translator
1996 REV 1
MC100EL90 ONSEMI-MC100EL90 Datasheet
111Kb / 5P
   ??.3V / ??V Triple ECL Input to PECL Output Translator
November, 2006 ??Rev. 3
MC100EL90DW ONSEMI-MC100EL90DW Datasheet
111Kb / 5P
   ??.3V / ??V Triple ECL Input to PECL Output Translator
November, 2006 ??Rev. 3
MC100EL90DWG ONSEMI-MC100EL90DWG Datasheet
111Kb / 5P
   ??.3V / ??V Triple ECL Input to PECL Output Translator
November, 2006 ??Rev. 3
MC100EL90DWR2 ONSEMI-MC100EL90DWR2 Datasheet
111Kb / 5P
   ??.3V / ??V Triple ECL Input to PECL Output Translator
November, 2006 ??Rev. 3
More results

Similar Description - MC100EL90

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90 Datasheet
68Kb / 8P
   -3.3V / -5V Triple ECL Input to LVPECL/PECL Output Translator
June, 2004 ??Rev. 4
MC100EL90 ONSEMI-MC100EL90_06 Datasheet
111Kb / 5P
   ??.3V / ??V Triple ECL Input to PECL Output Translator
November, 2006 ??Rev. 3
MC100EL91 ONSEMI-MC100EL91_06 Datasheet
111Kb / 6P
   5 V Triple PECL Input to ?? V ECL Output Translator
November, 2006 ??Rev. 6
MC10EP90 ONSEMI-MC10EP90_14 Datasheet
92Kb / 9P
   Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
MC10EP90 ONSEMI-MC10EP90_06 Datasheet
136Kb / 9P
   ??.3V / ??V Triple ECL Input to LVPECL/PECL Output Translator
November, 2006 ??Rev. 6
MC100EL91 ONSEMI-MC100EL91 Datasheet
150Kb / 5P
   5 V Triple PECL Input to -5 V ECL Output Translator
July, 2016 ??Rev. 8
MC100LVEL92 ONSEMI-MC100LVEL92_06 Datasheet
112Kb / 6P
   5V Triple PECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
MC100LVEL90 ONSEMI-MC100LVEL90_16 Datasheet
149Kb / 5P
   -3.3V / -5V Triple ECL Input to LVPECL Output Translator
July, 2016 ??Rev. 12
MC100LVEL91 ONSEMI-MC100LVEL91_16 Datasheet
146Kb / 6P
   3.3 V Triple LVPECL Input to -3.3 V to -5.0 V ECL Output Translator
July, 2016 ??Rev. 12
MC100LVEL90 ONSEMI-MC100LVEL90 Datasheet
114Kb / 4P
   Triple ECL to PECL Translator
1996 REV 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com