Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EL39 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC100EL39
Description  5 V ECL Clock Generation Chip
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL39 Datasheet(HTML) 3 Page - ON Semiconductor

  MC100EL39_16 Datasheet HTML 1Page - ON Semiconductor MC100EL39_16 Datasheet HTML 2Page - ON Semiconductor MC100EL39_16 Datasheet HTML 3Page - ON Semiconductor MC100EL39_16 Datasheet HTML 4Page - ON Semiconductor MC100EL39_16 Datasheet HTML 5Page - ON Semiconductor MC100EL39_16 Datasheet HTML 6Page - ON Semiconductor MC100EL39_16 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC100EL39
www.onsemi.com
3
Table 3. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
PECL Mode Power Supply
VEE = 0 V
8
V
VEE
NECL Mode Power Supply
VCC = 0 V
−8
V
VI
PECL Mode Input Voltage
NECL Mode Input Voltage
VEE = 0 V
VCC = 0 V
VI ≤ VCC
VI ≥ VEE
6
−6
V
Iout
Output Current
Continuous
Surge
50
100
mA
IBB
VBB Sink/Source
±0.5
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction-to-Ambient)
0 lfpm
500 lfpm
SOIC−20 WB
SOIC−20 WB
90
60
°C/W
qJC
Thermal Resistance (Junction-to-Case)
Standard Board
SOIC−20 WB
30 to 35
°C/W
Tsol
Wave Solder (Pb-Free)
< 2 to 3 sec @ 260°C
265
265
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
Table 4. 100EL SERIES PECL DC CHARACTERISTICS (VCC = 5.0 V; VEE = 0.0 V (Note 1))
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
50
59
50
59
54
61
mA
VOH
Output HIGH Voltage (Note 2)
3915
3995
4120
3975
4045
4120
3975
4050
4120
mV
VOL
Output LOW Voltage (Note 2)
3170
3305
3445
3190
3295
3380
3190
3295
3380
mV
VIH
Input HIGH Voltage (Single-Ended)
3835
4120
3835
4120
3835
4120
mV
VIL
Input LOW Voltage (Single-Ended)
3190
3525
3190
3525
3190
3525
mV
VBB
Output Voltage Reference
3.62
3.74
3.62
3.74
3.62
3.74
V
VIHCMR
Common Mode Range (Differential)
(Note 3)
VPP < 500 Mv
VPP ≥ 500 mV
1.3
1.5
4.6
4.6
1.2
1.4
4.6
4.6
1.2
1.4
4.6
4.6
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary +0.8 V / −0.5 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
3. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input
signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1.0 V.


Similar Part No. - MC100EL39_16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC100EL39DW MOTOROLA-MC100EL39DW Datasheet
127Kb / 4P
   첨2/4,첨4/6 Clock Generation Chip
logo
ON Semiconductor
MC100EL39DW ONSEMI-MC100EL39DW Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
MC100EL39DWG ONSEMI-MC100EL39DWG Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
MC100EL39DWR2 ONSEMI-MC100EL39DWR2 Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
MC100EL39DWR2G ONSEMI-MC100EL39DWR2G Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
More results

Similar Description - MC100EL39_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL38 ONSEMI-MC100EL38 Datasheet
160Kb / 6P
   5V ECL Clock Generation Chip
July, 2016 ??Rev. 9
MC100LVEL39 ONSEMI-MC100LVEL39_16 Datasheet
160Kb / 6P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
MC100LVEL34 ONSEMI-MC100LVEL34_14 Datasheet
99Kb / 9P
   3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 4
MC100LVEL38 ONSEMI-MC100LVEL38_16 Datasheet
242Kb / 7P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
MC100LVEP34 ONSEMI-MC100LVEP34_14 Datasheet
106Kb / 11P
   2.5V / 3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 11
MC10EL15 ONSEMI-MC10EL15_16 Datasheet
163Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
MC100LVEL14 ONSEMI-MC100LVEL14_16 Datasheet
158Kb / 7P
   3.3 V ECL 1:5 Clock Distribution Chip
July, 2016 ??Rev. 10
MC10EP139 ONSEMI-MC10EP139_06 Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC10EP139 ONSEMI-MC10EP139 Datasheet
102Kb / 14P
   3.3V / 5V ECL /2/4, /4/5/6 Clock Generation Chip
February, 2005 ??Rev. 6
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com