Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EL17 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100EL17
Description  5V ECL Quad Differential Receiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL17 Datasheet(HTML) 2 Page - ON Semiconductor

  MC100EL17_16 Datasheet HTML 1Page - ON Semiconductor MC100EL17_16 Datasheet HTML 2Page - ON Semiconductor MC100EL17_16 Datasheet HTML 3Page - ON Semiconductor MC100EL17_16 Datasheet HTML 4Page - ON Semiconductor MC100EL17_16 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC100EL17
www.onsemi.com
2
D1
Figure 1. Logic Diagram and Pinout: (Top View)
D1
D2
D3
17
18
16
15
14
13
12
4
3
5678
9
Q0
11
10
Q1
Q1
Q2
Q2
Q3
Q3
VEE
D0
19
20
2
1
VCC
Q0
D0
D2
VCC
D3
VBB
Warning: All VCC and VEE pins must be externally connected to Power
Supply to guarantee proper operation.
* All VCC pins are tied together on the die.
Table 1. PIN DESCRIPTION
FUNCTION
ECL Differential Data Inputs
ECL Differential Data Outputs
Reference Voltage Output
Positive Supply
Negative Supply
PIN
Dn, Dn
Qn, Qn
VBB
VCC
VEE
Table 2. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 KW
Internal Input Pullup Resistor
75 KW
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 2 KV
> 200 V
> 4 V
Moisture Sensitivity (Note 1)
Pb-Free
Level 3
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
141
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.
Table 3. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Units
VCC
PECL Mode Power Supply
VEE = 0 V
8
V
VEE
NECL Mode Power Supply
VCC = 0 V
−8
V
VI
PECL Mode Input Voltage
NECL Mode Input Voltage
VEE = 0 V
VCC = 0 V
VI ≤ VCC
VI ≥ VEE
6
−6
V
Iout
Output Current
Continuous
Surge
50
100
mA
IBB
VBB Sink/Source
± 0.5
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction-to-Ambient)
0 lfpm
500 lfpm
SOIC-20 WB
90
60
°C/W
qJC
Thermal Resistance (Junction-to-Case)
Standard Board
SOIC-20 WB
30 to 35
°C/W
Tsol
Wave Solder (Pb-Free)
<2 to 3 sec @ 260°C
265
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.


Similar Part No. - MC100EL17_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL17DW ONSEMI-MC100EL17DW Datasheet
114Kb / 6P
   5V ECL Quad Differential Receiver
October, 2006 ??Rev. 6
MC100EL17DWG ONSEMI-MC100EL17DWG Datasheet
114Kb / 6P
   5V ECL Quad Differential Receiver
October, 2006 ??Rev. 6
MC100EL17DWR2 ONSEMI-MC100EL17DWR2 Datasheet
114Kb / 6P
   5V ECL Quad Differential Receiver
October, 2006 ??Rev. 6
MC100EL17DWR2G ONSEMI-MC100EL17DWR2G Datasheet
114Kb / 6P
   5V ECL Quad Differential Receiver
October, 2006 ??Rev. 6
MC100EL17 ONSEMI-MC100EL17_06 Datasheet
114Kb / 6P
   5V ECL Quad Differential Receiver
October, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com