Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43509B9187M0 Datasheet(PDF) 9 Page - TDK Electronics

Part # B43509B9187M0
Description  Snap-in capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43509B9187M0 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B43509B9187M0 Datasheet HTML 5Page - TDK Electronics B43509B9187M0 Datasheet HTML 6Page - TDK Electronics B43509B9187M0 Datasheet HTML 7Page - TDK Electronics B43509B9187M0 Datasheet HTML 8Page - TDK Electronics B43509B9187M0 Datasheet HTML 9Page - TDK Electronics B43509B9187M0 Datasheet HTML 10Page - TDK Electronics B43509B9187M0 Datasheet HTML 11Page - TDK Electronics B43509B9187M0 Datasheet HTML 12Page - TDK Electronics B43509B9187M0 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRtyp
300 Hz
60
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 200 V DC
270
22
× 25
360
110
530
2.58
1.93
0.96
B43509A2277M0*#
330
22
× 30
290
90
430
2.99
2.23
1.12
B43509A2337M0*#
390
22
× 30
260
85
390
3.23
2.41
1.21
B43509A2397M0*#
390
25
× 25
270
95
410
3.11
2.32
1.16
B43509B2397M0*#
470
22
× 35
210
65
310
3.82
2.85
1.43
B43509A2477M0*#
470
25
× 30
210
75
320
3.68
2.74
1.37
B43509B2477M0*#
470
30
× 25
220
85
340
3.56
2.65
1.33
B43509C2477M0*#
560
22
× 40
170
55
260
4.37
3.25
1.63
B43509A2567M0*#
560
25
× 30
190
70
290
3.94
2.93
1.47
B43509B2567M0*#
560
30
× 25
200
85
300
3.80
2.82
1.41
B43509C2567M0*#
680
22
× 45
150
50
230
4.90
3.66
1.84
B43509A2687M0*#
680
25
× 35
160
55
240
4.56
3.40
1.70
B43509B2687M0*#
680
30
× 30
160
65
240
4.45
3.31
1.66
B43509C2687M0*#
680
35
× 25
180
85
270
4.14
3.08
1.54
B43509D2687M0*#
820
22
× 50
120
40
190
5.65
4.21
2.11
B43509A2827M0*#
820
25
× 40
130
45
200
5.23
3.90
1.95
B43509B2827M0*#
820
30
× 30
140
65
230
4.64
3.45
1.73
B43509C2827M0*#
820
35
× 25
170
90
260
4.19
3.11
1.56
B43509D2827M0*#
1000
25
× 45
110
40
170
6.03
4.49
2.25
B43509A2108M0*#
1000
30
× 35
120
50
190
5.38
4.00
2.01
B43509B2108M0*#
1000
35
× 30
130
65
200
5.09
3.78
2.02
B43509C2108M0*#
1200
25
× 55
90
32
140
7.08
5.27
2.64
B43509A2128M0*#
1200
30
× 40
100
45
160
6.13
4.56
2.44
B43509B2128M0*#
1200
35
× 30
120
70
190
5.13
3.81
2.03
B43509C2128M0*#
1500
30
× 45
80
38
130
7.05
5.24
2.80
B43509A2158M0*#
1500
35
× 35
95
55
160
5.98
4.44
2.37
B43509B2158M0*#
1800
30
× 55
65
30
110
8.31
6.19
3.31
B43509A2188M0*#
1800
35
× 40
80
45
130
6.80
5.06
2.70
B43509B2188M0*#
2200
35
× 50
60
34
100
8.46
6.29
3.36
B43509A2228M0*#
2700
35
× 55
55
32
90
9.17
6.82
3.64
B43509A2278M0*#
B43509
Compact
105
°C
Page 9 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43509B9187M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43509B2108M060 TDK-B43509B2108M060 Datasheet
67Kb / 2P
   Snap-in, Multi Pin, Large Size Capacitors
B43509B2108M062 TDK-B43509B2108M062 Datasheet
67Kb / 2P
   Snap-in, Multi Pin, Large Size Capacitors
B43509B2108M067 TDK-B43509B2108M067 Datasheet
67Kb / 2P
   Snap-in, Multi Pin, Large Size Capacitors
B43509B2108M080 TDK-B43509B2108M080 Datasheet
67Kb / 2P
   Snap-in, Multi Pin, Large Size Capacitors
B43509B2108M082 TDK-B43509B2108M082 Datasheet
67Kb / 2P
   Snap-in, Multi Pin, Large Size Capacitors
More results

Similar Description - B43509B9187M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com