Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL441MNSREP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TL441MNSREP
Description  LOGARITHMIC AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL441MNSREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL441MNSREP Datasheet HTML 5Page - Texas Instruments TL441MNSREP Datasheet HTML 6Page - Texas Instruments TL441MNSREP Datasheet HTML 7Page - Texas Instruments TL441MNSREP Datasheet HTML 8Page - Texas Instruments TL441MNSREP Datasheet HTML 9Page - Texas Instruments TL441MNSREP Datasheet HTML 10Page - Texas Instruments TL441MNSREP Datasheet HTML 11Page - Texas Instruments TL441MNSREP Datasheet HTML 12Page - Texas Instruments TL441MNSREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TL441EP
LOGARITHMIC AMPLIFIER
SGLS268 − OCTOBER 2004
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Output Levels
Differential-output-voltage levels are low, generally less than 0.6 V. As demonstrated in Figure 11, the output
swing and the slope of the output response can be adjusted by varying the gain by means of the slope control.
The coordinate origin also can be adjusted by positioning the offset of the output buffer.
Circuits
Figure 11 through Figure 18 show typical circuits using this logarithmic amplifier. Operational amplifiers not
otherwise designated are TLC271. For operation at higher frequencies, the TL592 is recommended instead of
the TLC271.
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
− 0.2
10 − 4
10 −3
10 −2
10 −1
101
1
TYPICAL TRANSFER CHARACTERISTICS
Adjusted for Increased
Slope and Offset
Adjusted For Minimum
Slope With Zero Offset
Input Voltage − V
Input
A1
A2
Y
Y
1/2
TL441
Origin
Slope
Output
GND
+
+
Figure 11. Output Slope and Origin Adjustment


Similar Part No. - TL441MNSREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL441MNSREP TI1-TL441MNSREP Datasheet
576Kb / 18P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
More results

Similar Description - TL441MNSREP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
   LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441AM TI-TL441AM Datasheet
233Kb / 14P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441A TI1-TL441A Datasheet
257Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441 TI-TL441 Datasheet
226Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
logo
Analog Devices
AD8306ARZ AD-AD8306ARZ Datasheet
401Kb / 16P
   Limiting-Logarithmic Amplifier
REV. A
logo
NXP Semiconductors
TDA8780M PHILIPS-TDA8780M Datasheet
70Kb / 16P
   True logarithmic amplifier
1995 Jul 25
logo
Analog Devices
AD641 AD-AD641 Datasheet
256Kb / 16P
   250 MHz Demodulating Logarithmic Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com