Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6440UTB Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6440UTB
Description  Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6440UTB Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6440UTB Datasheet HTML 1Page - Maxim Integrated Products MAX6440UTB Datasheet HTML 2Page - Maxim Integrated Products MAX6440UTB Datasheet HTML 3Page - Maxim Integrated Products MAX6440UTB Datasheet HTML 4Page - Maxim Integrated Products MAX6440UTB Datasheet HTML 5Page - Maxim Integrated Products MAX6440UTB Datasheet HTML 6Page - Maxim Integrated Products MAX6440UTB Datasheet HTML 7Page - Maxim Integrated Products MAX6440UTB Datasheet HTML 8Page - Maxim Integrated Products MAX6440UTB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Low-Power, Single-/Dual-Level Battery Monitors
with Hysteresis and Integrated µP Reset
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VBATT = 1.2V to 5.5V, VCC = 1.2V to 5.5V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
≥ 1.53V, ISOURCE = 100µA, RESET
deasserted
0.8 x VCC
RESET Output High
(Push-Pull)
VOH
VCC
≥ 2.55V, ISOURCE = 500µA, RESET
deasserted
0.8 x VCC
V
VCC
≥ 1.0V, ISINK = 50µA, RESET asserted
0.3
VCC
≥ 1.2V, ISINK = 100µA, RESET asserted
0.3
RESET Output Low
VOL
VCC
≥ 2.12V, ISINK = 1.2mA, RESET
asserted
0.3
V
RESET Output Leakage Current
(Open Drain)
RESET deasserted
500
nA
Typical Operating Characteristics
(VBATT = 1.2V to 5.5V, VCC = 1.2V to 5.5V, unless otherwise specified. Typical values are at TA = +25°C.)
SUPPLY CURRENT vs. TEMPERATURE
VCC = 3.3V, VBATT = 3.6V
TEMPERATURE (
°C)
TOTAL
IBATT
60
40
20
0
-20
1
2
3
4
0
-40
80
ICC
NORMALIZED LBO TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
0.95
1.00
1.05
1.10
0.90
-40
80
NORMALIZED RESET TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
0.990
0.985
1.000
0.995
1.005
1.010
1.015
0.980
-40
80
Note 1: Production testing done at TA = +25°C; limits over temperature guaranteed by design only.
Note 2: The device is powered up by the highest voltage between VBATT and VCC.
Note 3: MR input ignores falling input pulses, which occur within the MR debounce period (tDEB) after a valid MR reset assertion.
This prevents invalid reset assertion due to switch bounce.


Similar Part No. - MAX6440UTB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6440UT___D_-T MAXIM-MAX6440UT___D_-T Datasheet
256Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
More results

Similar Description - MAX6440UTB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6439 MAXIM-MAX6439_V01 Datasheet
256Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
MAX6846 MAXIM-MAX6846 Datasheet
191Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated UP Reset
19-2947; Rev 0; 7/03
MAX6846 MAXIM-MAX6846_05 Datasheet
257Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated uP Reset
19-2947; Rev 1; 11/05
MAX6427 MAXIM-MAX6427 Datasheet
319Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 1; 9/03
MAX6427 MAXIM-MAX6427_05 Datasheet
379Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 2; 12/05
logo
Shanghai Consonance Ele...
CN302 CONSONANCE-CN302 Datasheet
220Kb / 9P
   Low Power Battery Monitor with Hysteresis Control
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
logo
Maxim Integrated Produc...
MAX6412 MAXIM-MAX6412 Datasheet
190Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
MAX6414UK26T MAXIM-MAX6414UK26T Datasheet
193Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com