Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41895B0567M Datasheet(PDF) 8 Page - TDK Electronics

Part # B41895B0567M
Description  Single-ended capacitors
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41895B0567M Datasheet(HTML) 8 Page - TDK Electronics

Back Button B41895B0567M Datasheet HTML 4Page - TDK Electronics B41895B0567M Datasheet HTML 5Page - TDK Electronics B41895B0567M Datasheet HTML 6Page - TDK Electronics B41895B0567M Datasheet HTML 7Page - TDK Electronics B41895B0567M Datasheet HTML 8Page - TDK Electronics B41895B0567M Datasheet HTML 9Page - TDK Electronics B41895B0567M Datasheet HTML 10Page - TDK Electronics B41895B0567M Datasheet HTML 11Page - TDK Electronics B41895B0567M Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
10 kHz
40
°C
ESRmax
10 kHz
20
°C
Zmax
100 kHz
20
°C
IAC,R
100 kHz
125
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (for d
× l = 12.5 × 20 ... 12.5 × 25 mm and ∅ 16 ... 18 mm)
002 = for cut leads, bulk (for d
× l = 12.5 × 20 ... 12.5 × 25 mm and ∅ 16 ... 18 mm)
003 = for crimped leads, blister (for
∅ 16 ... 18 mm)
004 = for J leads, blister (for
∅ 12.5 ... 18 mm, excluding d × l = 12.5 × 30/35/40 and 18 × 40 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (for d
× l = 12.5 × 20 ... 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (for d
× l = 16 × 20 ... 16 × 31.5 mm and
18
× 20 ... 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 ... 18 mm)
VR = 50 V DC
470
12.5
× 20
0.552
0.069
0.065
1500
B41895D6477M***
680
12.5
× 25
0.416
0.052
0.048
1900
B41895D6687M***
680
16
× 20
0.368
0.046
0.043
2040
B41895E6687M***
820
12.5
× 30
0.360
0.045
0.041
2510
B41895D6827M***
1000
12.5
× 35
0.304
0.038
0.034
2510
B41895D6108M***
1000
16
× 25
0.272
0.034
0.031
2620
B41895E6108M***
1000
18
× 20
0.336
0.042
0.039
2240
B41895F6108M***
1200
12.5
× 40
0.256
0.032
0.027
2870
B41895D6128M***
1200
16
× 31.5
0.240
0.030
0.027
2940
B41895E6128M***
1200
18
× 25
0.256
0.032
0.029
2750
B41895F6128M***
1500
16
× 35.5
0.208
0.026
0.023
3300
B41895D6158M***
1800
18
× 31.5
0.232
0.029
0.026
3140
B41895D6188M***
2200
18
× 35
0.200
0.025
0.022
3510
B41895D6228M***
2700
18
× 40
0.168
0.021
0.018
3940
B41895D6278M***
B41895
Low ESR, compact
125
°C
Page 8 of 29
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41895B0567M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41895B0567M000 TDK-B41895B0567M000 Datasheet
100Kb / 2P
   Single Ended (Radial) Capacitors
B41895B0567M001 TDK-B41895B0567M001 Datasheet
100Kb / 2P
   Single Ended (Radial) Capacitors
B41895B0567M002 TDK-B41895B0567M002 Datasheet
100Kb / 2P
   Single Ended (Radial) Capacitors
B41895B0567M003 TDK-B41895B0567M003 Datasheet
100Kb / 2P
   Single Ended (Radial) Capacitors
B41895B0567M004 TDK-B41895B0567M004 Datasheet
100Kb / 2P
   Single Ended (Radial) Capacitors
More results

Similar Description - B41895B0567M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
B41867 EPCOS-B41867 Datasheet
99Kb / 8P
   Single-Ended Capacitors
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
   Single-ended capacitors
B41896 EPCOS-B41896_08 Datasheet
566Kb / 30P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com