Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM1865N Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1865N
Description  Advanced FM IF System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1865N Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM1865N Datasheet HTML 5Page - National Semiconductor (TI) LM1865N Datasheet HTML 6Page - National Semiconductor (TI) LM1865N Datasheet HTML 7Page - National Semiconductor (TI) LM1865N Datasheet HTML 8Page - National Semiconductor (TI) LM1865N Datasheet HTML 9Page - National Semiconductor (TI) LM1865N Datasheet HTML 10Page - National Semiconductor (TI) LM1865N Datasheet HTML 11Page - National Semiconductor (TI) LM1865N Datasheet HTML 12Page - National Semiconductor (TI) LM1865N Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Application Notes (Continued)
The LM1865 has been carefully designed to insure low AFT
offset current at the point of minimum THD AFT offset cur-
rent will cause a non-symmetric deviation mutestop win-
dow about the point of minimum THD No external AFT off-
set adjustment should be necessary with the LM1865 The
amount of resistance in series with the 18 mH quadrature
coil drive inductor L1 has a significant effect on the mini-
mum THD This series resistance is contributed not only by
R13 but also by the Q of L1 The Q of L1 should be as high
as possible (ie Ql50) in order to avoid production prob-
lems with the Q variation of L1 Once R13 has been opti-
mized for minimum THD adjustment on a radio by radio
basis should be un-necessary
DUAL THRESHOLD AGC
(AUTOMATIC LOCALDISTANCE SWITCH)
There is a well recognized need in the field for gain reducing
(AGCing) the front end (tuner) of an FM receiver This gain
reduction is important in preventing overload of the front
end which might occur for large signal inputs Overloading
the front end with two out-of-band signals one channel
spacing apart and one channel spacing from center fre-
quency or two channel spacings apart and two channel
spacings from center frequency will produce a third order
intermodulation product (IM3) which falls inband This IM3
product can completely block out a weaker desired station
The AGC in the LM1865 has been specially designed to
deal with the problem of IM3
With the LM1865 system a low AGC threshold is achieved
whenever there are strong out-of-band signals that might
generate an interfering IM3 product and a high AGC thresh-
old is achieved if there are no strong out-of-band signals
The high AGC threshold allows the receiver to obtain its
best signal-to-noise performance when there is no possibili-
ty of an IM3 product The low AGC threshold allows for
weaker desired stations to be received without gain-reduc-
ing the tuner It should be noted that when the AGC thresh-
old is set low there will be a signal-to-noise compromise
but is assumed that it is more desirable to listen to a slightly
noisy station than to listen to an undesired IM3 product The
simplified circuit diagram (
Figure 5 ) of the AGC system
shows how the dual AGC thresholds are achieved
Vm e 1V corresponds to a fixed in-band signal level (de-
fined as VNB) at the tuner output VNB will be referred to as
the ‘‘narrow band threshold’’ VWB also corresponds to a
fixed tuner output which can either be an in-band or out-of-
band signal This fixed tuner output will be called the ‘‘wide
band threshold’’ Always VWB l VNB R11 and C13 define
the AGC time constant A reverse AGC system is shown
This means that VAGC decreases to gain-reduce the tuner
The LM1865 AGC output is an open-collector current
source capable of sinking at least 1 mA
TLH7509 – 9
FIGURE 5 Dual Threshold AGC
I1 e GM1 Vm only if Vm l 1V
otherwise I1 e 0
Gm1 VWB e constants
IAGC e Gm2 Vo where Gm2 e I1 26 mV and
Vo l VWB otherwise IAGC e 0
9


Similar Part No. - LM1865N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1863 NSC-LM1863 Datasheet
268Kb / 14P
   AM Radio System for Electronically Tuned Radios
LM1863M NSC-LM1863M Datasheet
268Kb / 14P
   AM Radio System for Electronically Tuned Radios
LM1866 NSC-LM1866 Datasheet
257Kb / 7P
   LOW VOLTAGE AM/FM RECEIVER
LM1866N NSC-LM1866N Datasheet
257Kb / 7P
   LOW VOLTAGE AM/FM RECEIVER
LM1868 NSC-LM1868 Datasheet
251Kb / 10P
   Radio System
More results

Similar Description - LM1865N

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
   FM IF SYSTEM
logo
Toshiba Semiconductor
TA7761P TOSHIBA-TA7761P Datasheet
1,011Kb / 14P
   FM IF SYSTEM
logo
Rohm
BA4234 ROHM-BA4234 Datasheet
514Kb / 6P
   FM IF SYSTEM
logo
AUK corp
SL1018 AUK-SL1018 Datasheet
293Kb / 9P
   FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089 Datasheet
236Kb / 7P
   FM IF System
November 1996
CA3189 INTERSIL-CA3189 Datasheet
129Kb / 8P
   FM IF System
May 1999
logo
Hitachi Semiconductor
HA12412 HITACHI-HA12412 Datasheet
666Kb / 8P
   FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089_02 Datasheet
459Kb / 8P
   FM IF System
logo
Hitachi Semiconductor
HA11225 HITACHI-HA11225 Datasheet
504Kb / 6P
   FM IF System
logo
Sanyo Semicon Device
LA1231N SANYO-LA1231N Datasheet
665Kb / 8P
   FM IF System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com