Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA8027W Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SA8027W
Description  2.5 GHz low voltage, low power RF fractional-N/IF integer frequency synthesizer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8027W Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SA8027W Datasheet HTML 7Page - NXP Semiconductors SA8027W Datasheet HTML 8Page - NXP Semiconductors SA8027W Datasheet HTML 9Page - NXP Semiconductors SA8027W Datasheet HTML 10Page - NXP Semiconductors SA8027W Datasheet HTML 11Page - NXP Semiconductors SA8027W Datasheet HTML 12Page - NXP Semiconductors SA8027W Datasheet HTML 13Page - NXP Semiconductors SA8027W Datasheet HTML 14Page - NXP Semiconductors SA8027W Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Philips Semiconductors
Product data
SA8027
2.5 GHz low voltage, low power
RF fractional-N/IF integer frequency synthesizer
2001 Aug 21
11
1.7
Charge Pumps
The PHP and PHI charge pumps are driven by the main phase
detector, while the PHA charge pump is driven by the auxiliary
phase detector. The ISET value (refer to Table 1) is determined by
the external resistor attached to the RSET pin.
The charge pump, by default, will automatically go into speed-up
mode (which can deliver up to 15*ISET for PHP_SU, and 36*ISET for
PHI), based on the strobe pulse width following the A word, to
reduce switching speed for large tuning voltage steps (i.e., large
frequency steps). Figure 10 shows the recommended passive loop
filter configuration. Note: This charge pump architecture eliminates
the need for added active switches and reduces external component
count. Furthermore, the programmable charge pump gains provide
some programmability to the loop filter bandwidth.
The duration of speed-up mode is determined by the strobe pulse
width following the A word. Recommended optimal strobe width is
equal to the total loop filter capacitance charge time from state 1 to
state 2. The strobe width must not exceed this charge time. The
strobe width is controlled by the CPU (
× number of clock cycles).
In addition, charge pumps will stay in speed-up mode continuously
while Tspu = 1 (in D word). The speed-up mode can also be
disabled by programming Tdis-spu = 1 (in D word).
SR02356
VCO
C3
C2
R2
C1
R1
PHP[PHP–SU]
PHI
Figure 10.
Typical passive 3-pole loop filter
Table 1. Main and auxiliary charge pump currents
CP1
CP0
IPHA
IPHP
IPHP–SU
IPHI
0
0
1.5xlSET
3xISET
15xlSET
36xlSET
0
1
0.5xlSET
1xlSET
5xlSET
12xlSET
1
0
1.5xlSET
3xlSET
15xlSET
0
1
1
0.5xlSET
1xlSET
5xlSET
0
NOTES:
1. ISET = VSET/RSET: bias current for charge pumps.
2. CP1 is used to disable the PHI pump, IPHP–SU is the total current
at pin PHP during speed up condition.
1.8
Lock Detect
The output LOCK maintains a logic ‘1’ when the auxiliary phase
detector (AND/ORed) with the main phase detector indicates a lock
condition. The lock condition for the main and auxiliary synthesizers
is defined as a phase difference of less than
"1 period of the
frequency at the input REFin+, –. One counter can fulfill the lock
condition when the other counter is powered down. Out of lock
(logic ‘0’) is indicated when both counters are powered down.
1.9
Power-down mode
The power-down signal can be either hardware (PON) or software
(PD). The PON signal is exclusively ORed with the PD bits in
B-word. If PON = 0, then the part is powered up when PD = 1. PON
can be used to invert the polarity of the software bit PD. When the
synthesizer is reactivated after power-down, the main and reference
dividers are synchronized to avoid possibility of random phase
errors on power-up.


Similar Part No. - SA8027W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA8025A PHILIPS-SA8025A Datasheet
456Kb / 23P
   Low-voltage 1.8GHz fractional-N synthesizer
1996 Oct 15
SA8025ADK PHILIPS-SA8025ADK Datasheet
456Kb / 23P
   Low-voltage 1.8GHz fractional-N synthesizer
1996 Oct 15
SA8026 PHILIPS-SA8026 Datasheet
289Kb / 18P
   2.5GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
SA8026DH PHILIPS-SA8026DH Datasheet
289Kb / 18P
   2.5GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
SA8028 PHILIPS-SA8028 Datasheet
278Kb / 28P
   2.5 GHz sigma delta fractional-N / 760 MHz IF integer frequency synthesizers
2002 Feb 22
More results

Similar Description - SA8027W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2350 TI1-LMX2350 Datasheet
449Kb / 23P
[Old version datasheet]   PLLatinum Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
logo
National Semiconductor ...
LMX2354 NSC-LMX2354 Datasheet
403Kb / 23P
   PLLatinum Fractional N RF/ Integer N IF Dual Low Power Frequency Synthesizer
LMX2350 NSC-LMX2350 Datasheet
408Kb / 21P
   PLLatinum TM Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
LMV2350 TI1-LMV2350 Datasheet
449Kb / 23P
[Old version datasheet]   LMX2350/LMX2352 PLLatinum Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
[Old version datasheet]   LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050 TI1-TRF2050_00 Datasheet
542Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
National Semiconductor ...
LMX2364 NSC-LMX2364 Datasheet
694Kb / 39P
   2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
logo
NXP Semiconductors
SA8028 PHILIPS-SA8028 Datasheet
278Kb / 28P
   2.5 GHz sigma delta fractional-N / 760 MHz IF integer frequency synthesizers
2002 Feb 22
logo
Hynix Semiconductor
HM6F5201 HYNIX-HM6F5201 Datasheet
328Kb / 25P
   Dual Fractional-N / Integer-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com