Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA8027W Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA8027W
Description  2.5 GHz low voltage, low power RF fractional-N/IF integer frequency synthesizer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8027W Datasheet(HTML) 1 Page - NXP Semiconductors

  SA8027W Datasheet HTML 1Page - NXP Semiconductors SA8027W Datasheet HTML 2Page - NXP Semiconductors SA8027W Datasheet HTML 3Page - NXP Semiconductors SA8027W Datasheet HTML 4Page - NXP Semiconductors SA8027W Datasheet HTML 5Page - NXP Semiconductors SA8027W Datasheet HTML 6Page - NXP Semiconductors SA8027W Datasheet HTML 7Page - NXP Semiconductors SA8027W Datasheet HTML 8Page - NXP Semiconductors SA8027W Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Philips
Semiconductors
SA8027
2.5 GHz low voltage, low power
RF fractional-N/IF integer
frequency synthesizer
Product data
Supersedes data of 2001 Jul 18
2001 Aug 21
INTEGRATED CIRCUITS


Similar Part No. - SA8027W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA8025A PHILIPS-SA8025A Datasheet
456Kb / 23P
   Low-voltage 1.8GHz fractional-N synthesizer
1996 Oct 15
SA8025ADK PHILIPS-SA8025ADK Datasheet
456Kb / 23P
   Low-voltage 1.8GHz fractional-N synthesizer
1996 Oct 15
SA8026 PHILIPS-SA8026 Datasheet
289Kb / 18P
   2.5GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
SA8026DH PHILIPS-SA8026DH Datasheet
289Kb / 18P
   2.5GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
SA8028 PHILIPS-SA8028 Datasheet
278Kb / 28P
   2.5 GHz sigma delta fractional-N / 760 MHz IF integer frequency synthesizers
2002 Feb 22
More results

Similar Description - SA8027W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2350 TI1-LMX2350 Datasheet
449Kb / 23P
[Old version datasheet]   PLLatinum Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
logo
National Semiconductor ...
LMX2354 NSC-LMX2354 Datasheet
403Kb / 23P
   PLLatinum Fractional N RF/ Integer N IF Dual Low Power Frequency Synthesizer
LMX2350 NSC-LMX2350 Datasheet
408Kb / 21P
   PLLatinum TM Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
LMV2350 TI1-LMV2350 Datasheet
449Kb / 23P
[Old version datasheet]   LMX2350/LMX2352 PLLatinum Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
[Old version datasheet]   LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050 TI1-TRF2050_00 Datasheet
542Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
National Semiconductor ...
LMX2364 NSC-LMX2364 Datasheet
694Kb / 39P
   2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
logo
NXP Semiconductors
SA8028 PHILIPS-SA8028 Datasheet
278Kb / 28P
   2.5 GHz sigma delta fractional-N / 760 MHz IF integer frequency synthesizers
2002 Feb 22
logo
Hynix Semiconductor
HM6F5201 HYNIX-HM6F5201 Datasheet
328Kb / 25P
   Dual Fractional-N / Integer-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com