Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR20150CT Datasheet(PDF) 1 Page - MORE Semiconductor Company Limited

Part # MBR20150CT
Description  20A Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORESEMI [MORE Semiconductor Company Limited]
Direct Link  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited

MBR20150CT Datasheet(HTML) 1 Page - MORE Semiconductor Company Limited

  MBR20150CT Datasheet HTML 1Page - MORE Semiconductor Company Limited MBR20150CT Datasheet HTML 2Page - MORE Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lead Free
FEATURES
·Metal of silicon rectifier,majority carrier conducton
·Guard ring for transient protection
·Low power loss, high efficiency
·High current capability, low VF
·High surge capacity
·Plastic package has UL flammability
MECHANICAL DATA
·Case :TO-220
·Polarity : As marked on the body
·Mounting position : Any
MAXIMUM RATINGS AND
AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%
20A Schottky Barrier Rectifiers
MBR20150CT
MORE Semiconductor Company Limited
http://www.moresemi.com
1/2
classification 94V-0
molded plastic
TO-220 PACKAGE
CHARACTERISTICS
SYMBOL
MBR20150CT
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
150
V
Maximum RMS Voltage
VRMS
105
V
Maximum DC Blocking Voltage
Vcc
150
V
Average Rectifier Forward Current
( per diode )
Total Device (Rated VR) @TC=125℃
IF(AV)
10
20
A
Non-Repetitive Peak Surge Current (Surge applied at
rate load conditions halfware, single phase, 60Hz)
IFSM
150
A
Maximum Instantaneous Forward Voltage
IF=10A
Tc=25℃
Tc=125℃
VF
0.92
0.85
V
Instantaneous Reverse Current
AT VRM
Tc=25℃
Tc=125℃
IR
0.05
15
MA
Typical Thermal Resistance
R0JC
3.5
℃/W
Operating Temperature Range
TJ
-55to+175
Storage Temperature Range
TSTG
-55to+175


Similar Part No. - MBR20150CT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
MBR20150CT SIRECTIFIER-MBR20150CT Datasheet
179Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
logo
Micro Commercial Compon...
MBR20150CT MCC-MBR20150CT Datasheet
382Kb / 3P
   20 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
logo
Nantong Hornby Electron...
MBR20150CT HORNBY-MBR20150CT Datasheet
261Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Rugao Dachang Electroni...
MBR20150CT DACHANG-MBR20150CT Datasheet
134Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 20A
logo
SUNMATE electronic Co.,...
MBR20150CT SUNMATE-MBR20150CT Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR20150CT

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MBR20100FCT MORESEMI-MBR20100FCT Datasheet
694Kb / 2P
   20A Schottky Barrier Rectifiers
MBR20150FCT MORESEMI-MBR20150FCT Datasheet
774Kb / 2P
   20A Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM20200D SECOS-SM20200D_15 Datasheet
205Kb / 2P
   20A Schottky Barrier Rectifiers
SM20200D SECOS-SM20200D Datasheet
308Kb / 2P
   20A Schottky Barrier Rectifiers
logo
Frontier Electronics.
MBR2040CT FRONTIER-MBR2040CT Datasheet
528Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIERS
logo
MORE Semiconductor Comp...
MBR2045FCT MORESEMI-MBR2045FCT Datasheet
710Kb / 2P
   20A Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM20150D SECOS-SM20150D_15 Datasheet
242Kb / 2P
   20A Schottky Barrier Rectifiers
logo
Frontier Electronics.
F20S45-THRU-F20S50 FRONTIER-F20S45-THRU-F20S50 Datasheet
497Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIERS
logo
MORE Semiconductor Comp...
MBR20100CT MORESEMI-MBR20100CT Datasheet
770Kb / 2P
   20A Schottky Barrier Rectifiers
MBR20200CT MORESEMI-MBR20200CT Datasheet
894Kb / 2P
   20A Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com