Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4120-1 Datasheet(PDF) 7 Page - Texas Instruments

Part # THS4120-1
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4120-1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4120-1 Datasheet HTML 3Page - Texas Instruments THS4120-1 Datasheet HTML 4Page - Texas Instruments THS4120-1 Datasheet HTML 5Page - Texas Instruments THS4120-1 Datasheet HTML 6Page - Texas Instruments THS4120-1 Datasheet HTML 7Page - Texas Instruments THS4120-1 Datasheet HTML 8Page - Texas Instruments THS4120-1 Datasheet HTML 9Page - Texas Instruments THS4120-1 Datasheet HTML 10Page - Texas Instruments THS4120-1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
THS4500-EP
www.ti.com
SLOS832 – JUNE 2013
ELECTRICAL CHARACTERISTICS: VS = 5 V
Applicable for –55ºC
≤ TJ ≤ +125ºC, RF = RG = 392 Ω, RL = 800 Ω, G = +1, and single-ended input, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
AC PERFORMANCE
G = +1, PIN = –20 dBm, RF = 392 Ω
320
MHz
G = +2, PIN = –30 dBm, RF = 1 kΩ
160
MHz
Small-signal bandwidth
G = +5, PIN = –30 dBm, RF = 2.4 kΩ
60
MHz
G = +10, PIN = –30 dBm, RF = 5.1 kΩ
30
MHz
Gain-bandwidth product
G > +10
300
MHz
Bandwidth for 0.1-dB flatness
PIN = –20 dBm
180
MHz
Large-signal bandwidth
VP = 1 V
200
MHz
Slew rate
2 VPP Step
1300
V/
μs
Rise time
2 VPP Step
0.5
ns
Fall time
2 VPP Step
0.6
ns
Settling time to 0.01%
VO = 2 V Step
13.1
ns
0.1%
VO = 2 V Step
8.3
ns
Harmonic distortion
G = +1, VO = 2 VPP
f = 8 MHz,
-80
dBc
2nd harmonic
f = 30 MHz
-55
dBc
f = 8 MHz
-76
dBc
3rd harmonic
f = 30 MHz
-60
dBc
Input voltage noise
f > 1 MHz
7
nV/
√Hz
Input current noise
f > 100 kHz
1.7
pA/
√Hz
Overdrive recovery time
Overdrive = 5.5 V
60
ns
DC PERFORMANCE
Open-loop voltage gain
48
dB
Input offset voltage
-11
6
mV
Average offset voltage drift
±10
μV/°C
Input bias current
8
μA
Average bias current drift
±10
nA/°C
Input offset current
2
μA
Average offset current drift
±20
nA/°C
INPUT
Common-mode input range
-0.1
2
V
Common-mode rejection ratio
65
dB
Input Impedance
107 || 1
Ω || pF
OUTPUT
Differential output voltage swing
RL = 1 kΩ, Referenced to 2.5 V
±2.7
V
Output current drive
RL = 20 Ω
80
mA
Output balance error
PIN = –20 dBm, f = 100 kHz
-58
dB
Closed-loop output impedance (single-
f = 1 MHz
0.1
ended)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: THS4500-EP


Similar Part No. - THS4120-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4120 TI-THS4120 Datasheet
504Kb / 23P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120 TI-THS4120 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120/1 TI1-THS4120/1 Datasheet
1Mb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4120CD TI1-THS4120CD Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120CDG4 TI1-THS4120CDG4 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
More results

Similar Description - THS4120-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4500-EP NSC-THS4500-EP Datasheet
646Kb / 38P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com