Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEV1x4805SC Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # MEV1x4805SC
Description  3kVDC Isolated 1W Single & Dual Output DC/DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MEV1x4805SC Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  MEV1x4805SC Datasheet HTML 1Page - Murata Power Solutions Inc. MEV1x4805SC Datasheet HTML 2Page - Murata Power Solutions Inc. MEV1x4805SC Datasheet HTML 3Page - Murata Power Solutions Inc. MEV1x4805SC Datasheet HTML 4Page - Murata Power Solutions Inc. MEV1x4805SC Datasheet HTML 5Page - Murata Power Solutions Inc. MEV1x4805SC Datasheet HTML 6Page - Murata Power Solutions Inc. MEV1x4805SC Datasheet HTML 7Page - Murata Power Solutions Inc. MEV1x4805SC Datasheet HTML 8Page - Murata Power Solutions Inc. MEV1x4805SC Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MEV1 Series
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
KDC_MEV1.F05 Page 3 of 10
www.murata-ps.com/support
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation, 5V input types
4.5
5
5.5
V
Continuous operation, 12V input types
10.8
12
13.2
Continuous operation, 15V input types
13.5
15
16.5
Continuous operation, 24V input types
21.6
24
26.4
Continuous operation, 48V input types
43.2
48
52.8
Reflected ripple current
5V input types
11
20
mA p-p
12V input types
5
15
15V input types
3.5
10
24V input types
4.7
15
48V input types
22
50
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA=-40
°C to 85°C
1W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN
1.05
1.1
%/%
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 minute
3000
VDC
Resistance
Viso= 1000VDC
10
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency - single output types
5V input types
60
kHz
12V input types & MEV1Sx1515xC
75
24V input types & MEV1Sx1505SxC, MEV1Sx1509SxC, MEV1Sx1512SxC
85
48V input types
65
Switching frequency - dual output types
MEV1D4812xC, MEV1D4815xC
55
MEV1D05xxC, MEV1D1212xC, MEV1D1515xC, MEV1D4805xC, MEV1D4809xC
60
MEV1D1205xC, MEV1D2412xC
75
MEV1D1209xC, MEV1D1215xC, MEV1D1505xC, MEV1D1512xC, MEV1D2405xC,
MEV1D2415xC
80
MEV1D1509xC, MEV1D2409xC
90
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output types
-40
85
°C
Storage
-50
125
Case Temperature above ambient
24V & 48V input types
20
All other types
15
Cooling
Free air convection
ABSOLUTE MAXIMUM RATINGS
Lead temperature 1.5mm from case for 10 seconds
300°C
Input voltage VIN, MEV05 types
7V
Input voltage VIN, MEV12 types
15V
Input voltage Vin, MEV15 types
18V
Input voltage Vin, MEV24 types
28V
Input voltage Vin, MEV48 types
54V


Similar Part No. - MEV1x4805SC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MEV1 MURATA-PS-MEV1 Datasheet
384Kb / 13P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2023
logo
Murata Manufacturing Co...
MEV1D0505DC MURATA-MEV1D0505DC Datasheet
180Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
MEV1D0505SC MURATA-MEV1D0505SC Datasheet
180Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
MEV1D0509DC MURATA-MEV1D0509DC Datasheet
180Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
MEV1D0509SC MURATA-MEV1D0509SC Datasheet
180Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
More results

Similar Description - MEV1x4805SC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TPV24V TOPPOWER-TPV24V Datasheet
677Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
MEV1D1515SC MURATA-MEV1D1515SC Datasheet
180Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMV0505DAC MURATA-NMV0505DAC Datasheet
227Kb / 6P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
C&D Technologies
NMV CANDD-NMV Datasheet
119Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
MEV1S0505SC MURATA-MEV1S0505SC Datasheet
209Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMV2415SC MURATA-NMV2415SC Datasheet
216Kb / 4P
   3kVDC Isolated 1W Single Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPV TOPPOWER-TPV_19 Datasheet
234Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV15V TOPPOWER-TPV15V Datasheet
659Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMV0505DAC MURATA-PS-NMV0505DAC_V01 Datasheet
360Kb / 11P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com