Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK212B7105MGHTR Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # LMK212B7105MGHTR
Description  Multilayer Ceramic Capacitors (High dielectric type) for Automotive / Industrial Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LMK212B7105MGHTR Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  LMK212B7105MGHTR Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LMK212B7105MGHTR Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
16R2A09
RoHS compliance product
○LMK212B7105MGHTR
10V 2012 X7R 1uF +/- 20% t=1.35mmMAX
10V 0805 X7R 1uF +/- 20% t=0.053inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
0.1
1
10
100
1000
0.001 0.01
0.1
1
10
100 1000 10000
Frequency[MHz]
LMK212B7105MGHTR
Ca pa cita nce Freq.
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
0
2
4
6
8
10
DC Bia s Volta ge[V]
LMK212B7105MGHTR
DC Bia s Cha r.
0.001
0.01
0.1
1
10
100
1000
0.001 0.01
0.1
1
10
100 100010000
Frequency[MHz]
LMK212B7105MGHTR
Impeda nce,ESR Freq.
ESR
Z
-30
-20
-10
0
10
-55 -35 -15
5
25
45
65
85 105 125
Tempera ture[degreeC]
LMK212B7105MGHTR
Ca pa cita nce Temp.
1
10
100
0
0.5
1
1.5
2
2.5
3
3.5
4
Ripple Current[Arms]
LMK212B7105MGHTR
Ripple Current
10kHz
100kHz
1MHz


Similar Part No. - LMK212B7105MGHTR

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LMK212B7105MGHT TAIYO-YUDEN-LMK212B7105MGHT Datasheet
305Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
More results

Similar Description - LMK212B7105MGHTR

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
GMK316BBJ106KLHT TAIYO-YUDEN-GMK316BBJ106KLHT Datasheet
277Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive / Industrial Applications
JMK107B7105KAHT TAIYO-YUDEN-JMK107B7105KAHT Datasheet
278Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive / Industrial Applications
EMK212B7334MGHT TAIYO-YUDEN-EMK212B7334MGHT Datasheet
403Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive / Industrial Applications
JMK325B7476KMHPR TAIYO-YUDEN-JMK325B7476KMHPR Datasheet
289Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive / Industrial Applications
JMK325B7476MMHPR TAIYO-YUDEN-JMK325B7476MMHPR Datasheet
289Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive / Industrial Applications
EMK105BJ153KVHF TAIYO-YUDEN-EMK105BJ153KVHF Datasheet
401Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive / Industrial Applications
EMK105B7153MVHF TAIYO-YUDEN-EMK105B7153MVHF Datasheet
401Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive / Industrial Applications
TMK105B7153MVHF TAIYO-YUDEN-TMK105B7153MVHF Datasheet
401Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive / Industrial Applications
TMK105BJ153MVHF TAIYO-YUDEN-TMK105BJ153MVHF Datasheet
401Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive / Industrial Applications
UMK107B7333MAHT TAIYO-YUDEN-UMK107B7333MAHT Datasheet
399Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive / Industrial Applications
UMK107B7683MAHT TAIYO-YUDEN-UMK107B7683MAHT Datasheet
400Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive / Industrial Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com