Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEV1x0505xC Datasheet(PDF) 8 Page - Murata Power Solutions Inc.

Part # MEV1x0505xC
Description  3kVDC Isolated 1W Single & Dual Output DC/DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MEV1x0505xC Datasheet(HTML) 8 Page - Murata Power Solutions Inc.

Back Button MEV1x0505xC Datasheet HTML 2Page - Murata Power Solutions Inc. MEV1x0505xC Datasheet HTML 3Page - Murata Power Solutions Inc. MEV1x0505xC Datasheet HTML 4Page - Murata Power Solutions Inc. MEV1x0505xC Datasheet HTML 5Page - Murata Power Solutions Inc. MEV1x0505xC Datasheet HTML 6Page - Murata Power Solutions Inc. MEV1x0505xC Datasheet HTML 7Page - Murata Power Solutions Inc. MEV1x0505xC Datasheet HTML 8Page - Murata Power Solutions Inc. MEV1x0505xC Datasheet HTML 9Page - Murata Power Solutions Inc. MEV1x0505xC Datasheet HTML 10Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MEV1 Series
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
KDC_MEV1.F05 Page 8 of 10
www.murata-ps.com/support
EFFICIENCY VS LOAD
MEV1x05xxDC
MEV1x12xxDC
MEV1x15xxDC
MEV1x24xxDC
0
10
20
30
40
50
60
70
80
90
0
10203040
5060708090
100
Load (%)
5V
9V
12V
15V
0
10
20
30
40
50
60
70
80
90
0
102030405060708090
100
Load (%)
5V
9V
12V
15V
0
10
20
30
40
50
60
70
80
90
0
10203040
5060708090
100
Load (%)
5V
9V
12V
15V
0
10
20
30
40
50
60
70
80
90
0
1020
3040506070
8090
100
Load (%)
5V
9V
12V
15V


Similar Part No. - MEV1x0505xC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MEV1 MURATA-PS-MEV1 Datasheet
384Kb / 13P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2023
logo
Murata Manufacturing Co...
MEV1D0505DC MURATA-MEV1D0505DC Datasheet
180Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
MEV1D0505SC MURATA-MEV1D0505SC Datasheet
180Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
MEV1D0509DC MURATA-MEV1D0509DC Datasheet
180Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
MEV1D0509SC MURATA-MEV1D0509SC Datasheet
180Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
More results

Similar Description - MEV1x0505xC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TPV24V TOPPOWER-TPV24V Datasheet
677Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
MEV1D1515SC MURATA-MEV1D1515SC Datasheet
180Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMV0505DAC MURATA-NMV0505DAC Datasheet
227Kb / 6P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
C&D Technologies
NMV CANDD-NMV Datasheet
119Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
MEV1S0505SC MURATA-MEV1S0505SC Datasheet
209Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMV2415SC MURATA-NMV2415SC Datasheet
216Kb / 4P
   3kVDC Isolated 1W Single Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPV TOPPOWER-TPV_19 Datasheet
234Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV15V TOPPOWER-TPV15V Datasheet
659Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMV0505DAC MURATA-PS-NMV0505DAC_V01 Datasheet
360Kb / 11P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com