Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC557-04321KE1-T Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # DSC557-04321KE1-T
Description  Crystal-less??Three Output PCIe Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC557-04321KE1-T Datasheet(HTML) 4 Page - Micrel Semiconductor

  DSC557-04321KE1-T Datasheet HTML 1Page - Micrel Semiconductor DSC557-04321KE1-T Datasheet HTML 2Page - Micrel Semiconductor DSC557-04321KE1-T Datasheet HTML 3Page - Micrel Semiconductor DSC557-04321KE1-T Datasheet HTML 4Page - Micrel Semiconductor DSC557-04321KE1-T Datasheet HTML 5Page - Micrel Semiconductor DSC557-04321KE1-T Datasheet HTML 6Page - Micrel Semiconductor DSC557-04321KE1-T Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
______________________________________________________________________________________________________________________________________________
DSC557-04
Page 4
DSC557-04
Crystal-less Three Output PCIe Clock Generator
Pin Description (20 QFN)
Pin No.
Pin Name
Pin Type
Description
1
OE1
I
Output Enable; active high
2
NC
NA
Leave unconnected or grounded
3
VSS
Power
Ground
4
VSS
Power
Ground
5
CLK0-
O
Complement output of differential pair
6
CLK0+
O
True output of differential pair
7
CLK1-
O
Complement output of differential pair
8
CLK+
O
True output of differential pair
9
VDD
Power
Power Supply
10
NC
NA
Leave unconnected or grounded
11
OE2
I
Output Enable; active high
12
NC
NA
Leave unconnected or grounded
13
VSS
Power
Ground
14
VSS
Power
Ground
15
CLK2-
O
Complement output of differential pair
16
CLK2+
O
True output of differential pair
17
NC
NA
Package pin is Not Connected to internal IC or MEMS
18
NC
NA
Package pin is Not Connected to internal IC or MEMS
19
VDD
Power
Power Supply
20
NC
NA
Leave unconnected or grounded
Pin Diagram (20 QFN)
Connection Diagram
(20 QFN Three HCSL Outputs)
1
2
3
4
5
6
7
8
9
10
18
19
20
15
16
17
OE2
NC
VSS
VSS
11
12
13
14
VSS
VSS
OE1
NC
20 QFN 5.0 x 3.2mm
1
2
3
4
5
6
7
11
12
13
14
8
9
10
20
19
18
17
16
15
+
VDD
-
0.01 uF
50
W
50
W
50
W
50
W
CLK0-
CLK0+
CLK1+
CLK1-
Ropt
50
W
50
W
CLK2+
CLK2-
+
Enable
-


Similar Part No. - DSC557-04321KE1-T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC557-03 MICREL-DSC557-03 Datasheet
575Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC557-0311FE0-T MICREL-DSC557-0311FE0-T Datasheet
575Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC557-0311FE0-T MICREL-DSC557-0311FE0-T Datasheet
630Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC557-0311FE1-T MICREL-DSC557-0311FE1-T Datasheet
575Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC557-0311FE1-T MICREL-DSC557-0311FE1-T Datasheet
630Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
More results

Similar Description - DSC557-04321KE1-T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC557-05 MICREL-DSC557-05 Datasheet
660Kb / 7P
   Crystal-less??Four Output PCIe Clock Generator
DSC558-03 MICREL-DSC558-03 Datasheet
630Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC557-03 MICREL-DSC557-03 Datasheet
575Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC511-03 MICREL-DSC511-03 Datasheet
528Kb / 5P
   Crystal-less Two Output Clock Generator
DSC2311 MICREL-DSC2311 Datasheet
632Kb / 5P
   Crystal-less??Configurable Two Output Clock Generator
logo
Microchip Technology
DSC2311 MICROCHIP-DSC2311 Datasheet
228Kb / 18P
   Crystal-less??Configurable Two-Output Clock Generator
06/23/16
logo
Micrel Semiconductor
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0008 MICREL-DSC2010FE2-B0008 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0003 MICREL-DSC2010FE2-B0003 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com