Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR22404CL24EVB Datasheet(PDF) 9 Page - Exar Corporation

Part # XR22404CL24EVB
Description  USB 2.0 4-Port Hub
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR22404CL24EVB Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR22404CL24EVB Datasheet HTML 5Page - Exar Corporation XR22404CL24EVB Datasheet HTML 6Page - Exar Corporation XR22404CL24EVB Datasheet HTML 7Page - Exar Corporation XR22404CL24EVB Datasheet HTML 8Page - Exar Corporation XR22404CL24EVB Datasheet HTML 9Page - Exar Corporation XR22404CL24EVB Datasheet HTML 10Page - Exar Corporation XR22404CL24EVB Datasheet HTML 11Page - Exar Corporation XR22404CL24EVB Datasheet HTML 12Page - Exar Corporation XR22404CL24EVB Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
XR
22404
9/14
REV1A
Applications Information (Continued)
External EEPROM
An external I2C EEPROM may be used with the XR22404 to configure USB device descriptors and the number of
downstream ports. The contents of the EEPROM are described in Table 2. In order for contents of the EEPROM to be
used by the XR22404, both the EEPROM check values at address 0x00, 0x01 and the checksum at address 0x1F must be
correct. If either field is incorrect or reserved fields are not set to 0x00, the EEPROM contents will be ignored and the device
will use the default descriptor values.
Table 2. EEPROM Contents
Address
Content
Description
0x00
0x40
EEPROM check value.
0x01
0x1A
EEPROM check value.
0x02
Vendor ID, LSB
idVendor field LSB of device descriptor.
0x03
Vendor ID, MSB
idVendor field MSB of device descriptor.
0x04
Product ID, LSB
idProduct field LSB of device descriptor.
0x05
Product ID, MSB
idProduct field MSB of device descriptor.
0x06
Device Release, LSB
bcdDevice field LSB of device descriptor in binary coded decimal format.
0x07
Device Release, MSB
bcdDevice field MSB of device descriptor in binary coded decimal format.
0x08 to 0x19
Reserved
Must be 0x00.
0x1A
Downstream Ports
Number of downstream ports in the bNbrPorts field of the hub descriptor.
0x1B to 0x1E
Reserved
Must be 0x00.
0x1F
Checksum
Bitwise checksum of EEPROM values from address 0x00 to 0x1E.


Similar Part No. - XR22404CL24EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR2240 EXAR-XR2240 Datasheet
215Kb / 3P
   PROGRAMMABLE TIMER / COUNTER
More results

Similar Description - XR22404CL24EVB

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
   4-Port USB 2.0 Hub
logo
List of Unclassifed Man...
GL850 ETC-GL850 Datasheet
382Kb / 40P
   USB 2.0 4-PORT HUB Controller
logo
SMSC Corporation
USB20H04 SMSC-USB20H04 Datasheet
762Kb / 35P
   4-PORT USB 2.0 HUB CONTROLLER
logo
Exar Corporation
XR22414DS EXAR-XR22414DS Datasheet
565Kb / 13P
   USB 2.0 4-Port MTT Hub
logo
Microchip Technology
USB2504 MICROCHIP-USB2504 Datasheet
446Kb / 42P
   Integrated USB 2.0 Compatible 4-Port Hub
06/23/16
logo
SMSC Corporation
USB2504 SMSC-USB2504_07 Datasheet
596Kb / 46P
   Integrated USB 2.0 Compatible 4-Port Hub
logo
Tripp Lite. All Rights ...
U225004R TRIPPLITE-U225004R Datasheet
512Kb / 2P
   4-Port USB 2.0 Hi-Speed Hub
logo
SMSC Corporation
USB2504 SMSC-USB2504_06 Datasheet
781Kb / 46P
   Integrated USB 2.0 Compatible 4-Port Hub
logo
Texas Instruments
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Two-Port USB 2.0 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com