Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR22404CL24EVB Datasheet(PDF) 11 Page - Exar Corporation

Part # XR22404CL24EVB
Description  USB 2.0 4-Port Hub
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR22404CL24EVB Datasheet(HTML) 11 Page - Exar Corporation

Back Button XR22404CL24EVB Datasheet HTML 6Page - Exar Corporation XR22404CL24EVB Datasheet HTML 7Page - Exar Corporation XR22404CL24EVB Datasheet HTML 8Page - Exar Corporation XR22404CL24EVB Datasheet HTML 9Page - Exar Corporation XR22404CL24EVB Datasheet HTML 10Page - Exar Corporation XR22404CL24EVB Datasheet HTML 11Page - Exar Corporation XR22404CL24EVB Datasheet HTML 12Page - Exar Corporation XR22404CL24EVB Datasheet HTML 13Page - Exar Corporation XR22404CL24EVB Datasheet HTML 14Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
XR
22404
11/14
REV1A
Applications Information (Continued)
LED1/SCL
LED_CTL/CHRGEN
XR22404
LED2
Hub active
indicator
3.3V
Figure 4. Joint Port and Hub Activity Indicators
External Crystal
A 12 MHz ± 50 PPM fundamental frequency external crystal must be connected between the XTALIN and XTALOUT pins
of the XR22404 device. The crystal should have a rated load capacitance of 16-20pF. However, note that both the load
capacitors and feedback resistance are internal to the XR22404 device as shown.
Y1
Figure 5. Typical Oscillator Connections


Similar Part No. - XR22404CL24EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR2240 EXAR-XR2240 Datasheet
215Kb / 3P
   PROGRAMMABLE TIMER / COUNTER
More results

Similar Description - XR22404CL24EVB

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
   4-Port USB 2.0 Hub
logo
List of Unclassifed Man...
GL850 ETC-GL850 Datasheet
382Kb / 40P
   USB 2.0 4-PORT HUB Controller
logo
SMSC Corporation
USB20H04 SMSC-USB20H04 Datasheet
762Kb / 35P
   4-PORT USB 2.0 HUB CONTROLLER
logo
Exar Corporation
XR22414DS EXAR-XR22414DS Datasheet
565Kb / 13P
   USB 2.0 4-Port MTT Hub
logo
Microchip Technology
USB2504 MICROCHIP-USB2504 Datasheet
446Kb / 42P
   Integrated USB 2.0 Compatible 4-Port Hub
06/23/16
logo
SMSC Corporation
USB2504 SMSC-USB2504_07 Datasheet
596Kb / 46P
   Integrated USB 2.0 Compatible 4-Port Hub
logo
Tripp Lite. All Rights ...
U225004R TRIPPLITE-U225004R Datasheet
512Kb / 2P
   4-Port USB 2.0 Hi-Speed Hub
logo
SMSC Corporation
USB2504 SMSC-USB2504_06 Datasheet
781Kb / 46P
   Integrated USB 2.0 Compatible 4-Port Hub
logo
Texas Instruments
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Two-Port USB 2.0 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com