Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR22417CV48-F Datasheet(PDF) 9 Page - Exar Corporation

Part # XR22417CV48-F
Description  USB 2.0 7-Port Hub
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR22417CV48-F Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR22417CV48-F Datasheet HTML 5Page - Exar Corporation XR22417CV48-F Datasheet HTML 6Page - Exar Corporation XR22417CV48-F Datasheet HTML 7Page - Exar Corporation XR22417CV48-F Datasheet HTML 8Page - Exar Corporation XR22417CV48-F Datasheet HTML 9Page - Exar Corporation XR22417CV48-F Datasheet HTML 10Page - Exar Corporation XR22417CV48-F Datasheet HTML 11Page - Exar Corporation XR22417CV48-F Datasheet HTML 12Page - Exar Corporation XR22417CV48-F Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
XR
22417
9/17
REV1A
Applications Information (Continued)
External EEPROM
An external I2C EEPROM may be used with the XR22417 to configure USB device descriptors, the number of
downstream ports, a device serial number, and downstream non-removable devices. The contents of the EEPROM are
described in Table 1. In order for contents of the EEPROM to be used by the XR22417, both the EEPROM check values at
address 0x00, 0x01 and the checksum at address 0x1F must be correct. If either field is incorrect, the EEPROM contents
will be ignored and the device will use the default descriptor values. Note that using the EEPROM requires the use of
serial numbers. By USB specification, if the hub is serialized, each individual device must be guaranteed to have a unique
serial number.
Table 1: EEPROM Contents
Address
Content
Description
0x00
0x40
EEPROM check value.
0x01
0x1A
EEPROM check value.
0x02
Vendor ID, LSB
idVendor field LSB of device descriptor.
0x03
Vendor ID, MSB
idVendor field MSB of device descriptor.
0x04
Product ID, LSB
idProduct field LSB of device descriptor.
0x05
Product ID, MSB
idProduct field MSB of device descriptor.
0x06
Device Release, LSB
bcdDevice field LSB of device descriptor in binary coded decimal format.
0x07
Device Release, MSB
bcdDevice field MSB of device descriptor in binary coded decimal format.
0x08 to 0x17
Device Serial Number
ASCII alpha-numeric serial number with maximum length 16 characters. First character of
serial number string in location 0x08.
0x18
Serial Number Length
Length of device serial number.
0x19
0x00
Reserved.
0x1A
Downstream Ports
Number of downstream ports in the bNbrPorts field of the hub descriptor. EEPROM value
will take precedence over any strapping options from Table 2 and Table 3.
0x1B
0x00
Reserved.
0x1C
Device Removable
Device removable field of hub descriptor. Bit n = ‘0’ indicates a removable device, or bit n =
‘1’ indicates a non-removable device for port n, (n = port 1 - 7). Bit 0 is reserved. EEPROM
value will take precedence over any strapping options from Table 2 and Table 3.
0x1D
0x00
Reserved.
0x1E
Device Attributes
Bit 0: port indicators support, bit 7 of wHubCharacteristics field of hub descriptor - 0: port
indicators are not supported on its downstream facing ports and PORT_ INDICATOR
request has no effect. 1: port indicators are supported on its downstream facing ports and
PORT _INDICATOR request controls the indicators.
Bit 1: identifies a compound device, bit 2 of wHubCharacteristics field of hub descriptor - 0:
hub is not part of a compound device. 1: hub is part of a compound device.
Bit 2: maximum current requirements of the hub controller electronics, bHubContrCurrent
field of hub descriptor - 0: 200 mA. 1: 500 mA.
Bit 3 to 7, reserved, must be 0’s.
0x1F
Checksum
Bitwise checksum of EEPROM values from address 0x00 to 0x1E.


Similar Part No. - XR22417CV48-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR22414CL48EVB EXAR-XR22414CL48EVB Datasheet
565Kb / 13P
   USB 2.0 4-Port MTT Hub
XR22414CL48TR-F EXAR-XR22414CL48TR-F Datasheet
565Kb / 13P
   USB 2.0 4-Port MTT Hub
XR22414CV48EVB EXAR-XR22414CV48EVB Datasheet
565Kb / 13P
   USB 2.0 4-Port MTT Hub
XR22414CV48TR-F EXAR-XR22414CV48TR-F Datasheet
565Kb / 13P
   USB 2.0 4-Port MTT Hub
XR22414DS EXAR-XR22414DS Datasheet
565Kb / 13P
   USB 2.0 4-Port MTT Hub
More results

Similar Description - XR22417CV48-F

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U222007R TRIPPLITE-U222007R Datasheet
506Kb / 2P
   7-Port USB 2.0 Hi-Speed Hub
logo
Microchip Technology
USB2507 MICROCHIP-USB2507 Datasheet
376Kb / 42P
   Integrated USB 2.0 Compatible 7-Port Hub
06/23/16
logo
SMSC Corporation
USB2507 SMSC-USB2507 Datasheet
796Kb / 44P
   Integrated USB 2.0 Compatible 7-Port Hub
USB2507 SMSC-USB2507_07 Datasheet
610Kb / 44P
   Integrated USB 2.0 Compatible 7-Port Hub
logo
List of Unclassifed Man...
U222-007-R ETC2-U222-007-R Datasheet
511Kb / 4P
   7-Port USB 2.0 Hi-Speed Hub
logo
Microchip Technology
USB2517 MICROCHIP-USB2517 Datasheet
785Kb / 58P
   USB 2.0 Hi-Speed 7-Port Hub Controller
07/14/15
logo
List of Unclassifed Man...
FE2.1 ETC2-FE2.1 Datasheet
194Kb / 2P
   USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
logo
Texas Instruments
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
   4-Port USB 2.0 Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
   USB 2.0 4-Port Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com