Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMK1212SC Datasheet(PDF) 6 Page - Murata Power Solutions Inc.

Part # NMK1212SC
Description  3kVDC Isolated 2W Single & Dual Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NMK1212SC Datasheet(HTML) 6 Page - Murata Power Solutions Inc.

  NMK1212SC Datasheet HTML 1Page - Murata Power Solutions Inc. NMK1212SC Datasheet HTML 2Page - Murata Power Solutions Inc. NMK1212SC Datasheet HTML 3Page - Murata Power Solutions Inc. NMK1212SC Datasheet HTML 4Page - Murata Power Solutions Inc. NMK1212SC Datasheet HTML 5Page - Murata Power Solutions Inc. NMK1212SC Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NMK Series
3kVDC Isolated 2W Single & Dual Output DC/DC Converters
KDC_NMK.E05 Page 6 of 6
www.murata-ps.com/support
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2015 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
This product is subject to the following operating requirements
and the Life and Safety Critical Application Sales Policy:
Refer to: http://www.murata-ps.com/requirements/
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
NMK0505SAC
12
5
7
19.65 (0.774) (Max.)
7.65
(0.301)
(Max.)
10.15
(0.4)
(Max.)
4.60 (0.181)
3.60 (0.142)
0.30 (0.0118)
0.20 (0.0079)
15.24 (0.6)
1.45 (0.057)
1.00 (0.039)
2.52 (0.099)
1.54 (0.061)
0.40 (0.0016)
Min.
2.54 (0.1)
6*
XYYWW
0.50 (0.020)
* Pin not fitted on single output variants.
All dimensions in mm ±0.25 (inches ±0.01). All pins on a 2.54 (0.1) pitch and within ± 0.25 (0.01) of true position.
Weight: 2.8g
5.00 (0.2)
9.30 (0.366)
2.54 (0.1)
2.54 (0.1)
Ø
4 HOLES
0.1 (0.00394)
1.15 (0.045)
1.00 (0.040)
*
Unless otherwise stated all dimensions in mm (inches) ±0.5mm.
Tube length : 520mm ±2mm (20.47).
Tube Quantity : 25
* Hole not required for single output variants.
Unless otherwise stated all dimensions in mm (inches) ±0.5mm.
PIN CONNECTIONS
Single output variants
Dual output variants
Pin
Function
Pin
Function
1+VIN
1+VIN
2-VIN
2-VIN
5-VOUT
5-VOUT
7+VOUT
6OV
7+VOUT


Similar Part No. - NMK1212SC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NMK1212SC MURATA-NMK1212SC Datasheet
153Kb / 5P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
NMK1212SC MURATA-NMK1212SC Datasheet
232Kb / 6P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMK1212SC MURATA-PS-NMK1212SC Datasheet
352Kb / 10P
   3kVDC Isolated 2W Single & Dual Output DC-DC Converters
2022
NMK1212SC MURATA-PS-NMK1212SC Datasheet
348Kb / 10P
   3kVDC Isolated 2W Single & Dual Output DC-DC Converters
2023
More results

Similar Description - NMK1212SC

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPH TOPPOWER-TPH Datasheet
651Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMK MURATA-PS-NMK_V01 Datasheet
352Kb / 10P
   3kVDC Isolated 2W Single & Dual Output DC-DC Converters
2022
logo
Murata Manufacturing Co...
KDC_NMK MURATA-KDC_NMK Datasheet
153Kb / 5P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
NMK2405SC MURATA-NMK2405SC Datasheet
232Kb / 6P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPH TOPPOWER-TPH_V01 Datasheet
732Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPG TOPPOWER-TPG Datasheet
647Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPG-2W TOPPOWER-TPG-2W Datasheet
220Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPG TOPPOWER-TPG_V01 Datasheet
770Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPK TOPPOWER-TPK_19 Datasheet
738Kb / 3P
   2W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPAT-2W TOPPOWER-TPAT-2W_19 Datasheet
772Kb / 4P
   2W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com