Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEA1D4809xC Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # MEA1D4809xC
Description  1kVDC Isolated 1W Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MEA1D4809xC Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  MEA1D4809xC Datasheet HTML 1Page - Murata Power Solutions Inc. MEA1D4809xC Datasheet HTML 2Page - Murata Power Solutions Inc. MEA1D4809xC Datasheet HTML 3Page - Murata Power Solutions Inc. MEA1D4809xC Datasheet HTML 4Page - Murata Power Solutions Inc. MEA1D4809xC Datasheet HTML 5Page - Murata Power Solutions Inc. MEA1D4809xC Datasheet HTML 6Page - Murata Power Solutions Inc. MEA1D4809xC Datasheet HTML 7Page - Murata Power Solutions Inc. MEA1D4809xC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MEA1 Series
1kVDC Isolated 1W Dual Output DC/DC Converters
KDC_MEA1.C06 Page 1 of 8
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
 
SELECTION GUIDE
Order Code
V
V
mA
mA
%
mVp-p
%
%
pF
kHrs
MEA1D0505SC
5
±5
±100
233
4.8
5.4
12
25
82
85
53
3663
SIP
MEA1D0509SC
5
±9
±56
228
3.7
4.5
8
20
84
86.5
51
3291
MEA1D0512SC
5
±12
±42
228
4
5
6
20
84
87
45
2860
MEA1D0515SC
5
±15
±33
225
3.8
4.5
6
20
84
87
46
2374
MEA1D1205SC
12
±5
±100
98
3.5
4
9
20
81
85
44
3352
MEA1D1209SC
12
±9
±56
95
2.5
3
7
20
83
86.5
61
3083
MEA1D1212SC
12
±12
±42
93
2.6
3.5
6
20
85
89
88
2701
MEA1D1215SC
12
±15
±33
94
2.2
3
5
20
84
88
78
2264
MEA1D1505SC
15
±5
±100
78
3
3.5
8
20
80
84
40
MEA1D1509SC
15
±9
±56
76
2.1
2.5
7
20
82
87
65
MEA1D1512SC
15
±12
±42
76
2
2.5
5
20
83
87.5
75
MEA1D1515SC
15
±15
±33
75
2
2.5
5
20
85
89.5
104
MEA1D2405SC
24
±5
±100
49
2.8
3.5
9
20
81
84.5
47
MEA1D2409SC
24
±9
±56
47
1.8
2.5
7
20
84
87.5
80
MEA1D2412SC
24
±12
±42
47
1.6
2.5
4
20
84
87
85
MEA1D2415SC
24
±15
±33
47
1.5
2.5
3
20
85
88.5
106
MEA1D4805SC
48
±5
±100
26
2.6
4
14
25
77
80
44
MEA1D4809SC
48
±9
±56
25
1.6
3
8
20
79
82
72
MEA1D4812SC
48
±12
±42
25
1.6
3
7
20
78
83
91
MEA1D4815SC
48
±15
±33
25
1.3
2.5
6
20
80
83.5
109
MEA1D0505DC
5
±5
±100
232
5
6.2
12
25
82
85
52
DIP
MEA1D0509DC
5
±9
±56
227
3.9
5
9
20
84
86.7
49
MEA1D0512DC
5
±12
±42
226
4.2
5.3
7
20
84
87
47
MEA1D0515DC
5
±15
±33
224
4.1
5.3
6
20
84
87.5
46
MEA1D1205DC
12
±5
±100
97
3.6
4.5
9
20
81
84.5
43
MEA1D1209DC
12
±9
±56
95
2.6
3.5
7
20
83
86.5
64
MEA1D1212DC
12
±12
±42
93
2.7
3.5
6
20
85
89
89
MEA1D1215DC
12
±15
±33
94
2.3
3
6
20
84
88
76
MEA1D1505DC
15
±5
±100
78
3.1
4
9
20
80
84
42
MEA1D1509DC
15
±9
±56
76
2.2
3
6
20
82
87
50
MEA1D1512DC
15
±12
±42
76
2
2.7
6
20
83
87.5
77
MEA1D1515DC
15
±15
±33
75
2
2.7
6
20
85
89.5
106
MEA1D2405DC
24
±5
±100
49
2.8
4
10
20
81
84.5
47
MEA1D2409DC
24
±9
±56
48
2
3.8
8
20
84
87
77
MEA1D2412DC
24
±12
±42
47
1.6
2.5
6
20
84
87
83
MEA1D2415DC
24
±15
±33
47
1.5
2.3
6
20
85
88
100
1. See Ripple & Noise characterisation method.
2. Calculated using MIL-HDBK-217F FN2 with nominal input voltage at full load.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
FEATURES
UL 60950 recognized
RoHS compliant
Typical efficiency to 89.5%
Power density to 0.85W/cm3
Wide temperature performance at full
1 Watt load, –40°C to 85°C
UL 94V-0 package material
No heatsink required
Industry standard pinout
Power sharing on output
5V,12V, 15V, 24V, & 48V input
5V, 9V, 12V, & 15V output
Fully encapsulated with toroidal
magnetics
No external components required
No electrolytic or tantalum capacitors
PRODUCT OVERVIEW
The MEA series is the new high performance
version of our 1W NMA series. The MEA series
is more efficient and offers improved regulation
performance ≤5% for applications where a wide
output voltage variation can not be tolerated. They
are ideally suited for providing dual rail supplies
with the added benefit of galvanic isolation to
reduce switching noise. All of the rated power
may be drawn from a single output providing the
total load does not exceed 1 watt.


Similar Part No. - MEA1D4809xC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MEA1D4809SC MURATA-MEA1D4809SC Datasheet
239Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
More results

Similar Description - MEA1D4809xC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MEA1D2415DC MURATA-MEA1D2415DC Datasheet
239Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
MEA1D0505SC MURATA-MEA1D0505SC Datasheet
254Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
logo
Murata Power Solutions ...
MER1 MURATA-PS-MER1 Datasheet
140Kb / 6P
   1kVDC Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-1W TOPPOWER-TPE1-1W Datasheet
447Kb / 3P
   1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE2 TOPPOWER-TPE2 Datasheet
362Kb / 3P
   1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
TKE TOPPOWER-TKE Datasheet
387Kb / 4P
   1W 1KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMA2405SC MURATA-NMA2405SC Datasheet
126Kb / 4P
   Isolated 1W Dual Output DC/DC Converters
logo
List of Unclassifed Man...
NMA5V ETC-NMA5V Datasheet
171Kb / 2P
   ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
NMA0505DC MURATA-NMA0505DC Datasheet
219Kb / 6P
   Isolated 1W Dual Output DC/DC Converters
logo
C&D Technologies
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
   Isolated 1W Dual Output DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com