Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCM6S4812C Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # NCM6S4812C
Description  Isolated 6W Wide Input Single & Dual Output DC/DC Converters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NCM6S4812C Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  NCM6S4812C Datasheet HTML 1Page - Murata Power Solutions Inc. NCM6S4812C Datasheet HTML 2Page - Murata Power Solutions Inc. NCM6S4812C Datasheet HTML 3Page - Murata Power Solutions Inc. NCM6S4812C Datasheet HTML 4Page - Murata Power Solutions Inc. NCM6S4812C Datasheet HTML 5Page - Murata Power Solutions Inc. NCM6S4812C Datasheet HTML 6Page - Murata Power Solutions Inc. NCM6S4812C Datasheet HTML 7Page - Murata Power Solutions Inc. NCM6S4812C Datasheet HTML 8Page - Murata Power Solutions Inc. NCM6S4812C Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
NCM6 Series
Isolated 6W Wide Input Single & Dual Output DC/DC Converters
KDC_NCM6C.B01
Page 4 of 19
All enquiries: www.murata-ps.com/support
www.murata-ps.com
APPLICATION NOTES
Output Capacitance and start-up times
The NCM6 series does not require output capacitors to meet datasheet specification. To meet datasheet specification, output capacitance should not exceed:
Part No.
Maximun Load Capacitance (per output)
Start-up times
μF
ms
NCM6D0505C
220
6
NCM6D0512C
100
12
NCM6D0515C
100
18
NCM6S0503C
470
4
NCM6S0505C
220
7
NCM6S0512C
100
12
NCM6S0515C
100
17
NCM6D1205C
220
5
NCM6D1212C
100
12
NCM6D1215C
100
17
NCM6S1203C
470
2
NCM6S1205C
220
6
NCM6S1212C
100
14
NCM6S1215C
100
17
NCM6D4805C
220
10
NCM6D4812C
100
40
NCM6D4815C
100
60
NCM6S4803C
470
2
NCM6S4805C
220
5
NCM6S4812C
100
15
NCM6S4815C
100
20
Control Pin
This provides an OFF function which puts the converter into a low power mode when >3V is applied to the pin. When the control pin is left un-connected or less than 1V the
converter is ON
Minimum Load
The minimum load to meet full datasheet specification is 10% of the full rated load across the specified input voltage range.
Between 0% and 10% output loading, the output voltage will remain within data sheet specification however, output ripple and noise may increase but will still be below
150mV p-p.
TECHNICAL NOTES
ISOLATION VOLTAGE
‘Hi Pot Test’, ‘Flash Tested’, ‘Withstand Voltage’, ‘Proof Voltage’, ‘Dielectric Withstand Voltage’ & ‘Isolation Test Voltage’ are all terms that relate to the same thing, a test
voltage, applied for a specified time, across a component designed to provide electrical isolation, to verify the integrity of that isolation.
Murata Power Solutions NCM6 series of DC/DC converters are all 100% production tested at their stated isolation voltage. This is 5.2kVDC for 1 second.
A question commonly asked is, “What is the continuous voltage that can be applied across the part in normal operation?”
The NCM6 series has been recognized by Underwriters Laboratory to 250Vrms for Reinforced Insulation.
REPEATED HIGH-VOLTAGE ISOLATION TESTING
It is well known that repeated high-voltage isolation testing of a barrier component can actually degrade isolation capability, to a lesser or greater degree depending on
materials, construction and environment. We therefore strongly advise against repeated high voltage isolation testing, but if it is absolutely required, that the voltage be
reduced by 20% from specified test voltage.


Similar Part No. - NCM6S4812C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCM6S0505C MURATA-PS-NCM6S0505C Datasheet
505Kb / 23P
   Isolated 6W Wide Input Single & Dual Output DC-DC Converters
2023
NCM6S1205EC MURATA-PS-NCM6S1205EC Datasheet
505Kb / 23P
   Isolated 6W Wide Input Single & Dual Output DC-DC Converters
2023
NCM6S1212C MURATA-PS-NCM6S1212C Datasheet
505Kb / 23P
   Isolated 6W Wide Input Single & Dual Output DC-DC Converters
2023
NCM6S1212EC MURATA-PS-NCM6S1212EC Datasheet
505Kb / 23P
   Isolated 6W Wide Input Single & Dual Output DC-DC Converters
2023
NCM6S1215C MURATA-PS-NCM6S1215C Datasheet
505Kb / 23P
   Isolated 6W Wide Input Single & Dual Output DC-DC Converters
2023
More results

Similar Description - NCM6S4812C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NDS6 MURATA-PS-NDS6 Datasheet
146Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDS6S2405C MURATA-NDS6S2405C Datasheet
235Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A600ERU MPD-A600ERU Datasheet
193Kb / 2P
   Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
logo
Murata Manufacturing Co...
NDXS0512C MURATA-NDXS0512C Datasheet
257Kb / 6P
   Isolated 7.5W Wide Input Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW3000 TOTAL-POWER-MIW3000 Datasheet
245Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW3000 MINMAX-MIW3000 Datasheet
246Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW3100 MINMAX-MIW3100 Datasheet
213Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Superworld Electronics
SW6R24S03WF SUPERWORLD-SW6R24S03WF Datasheet
197Kb / 2P
   6W Wide Input Single & Dual Output DC-DC Converter
logo
MORNSUN Science& Techno...
URA1D05YMD-6WR3 MORNSUN-URA1D05YMD-6WR3 Datasheet
2Mb / 8P
   6W, ultra wide input isolated & regulated dual / single output DC-DC converter
logo
Murata Power Solutions ...
NCS6 MURATA-PS-NCS6 Datasheet
135Kb / 6P
   Isolated 6W 4:1 Input Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com