Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM15-050-Q48 Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # SPM15-050-Q48
Description  Single Output Potted Metal Package Isolated 15-Watt DC-DC Converters
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

SPM15-050-Q48 Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  SPM15-050-Q48 Datasheet HTML 1Page - Murata Power Solutions Inc. SPM15-050-Q48 Datasheet HTML 2Page - Murata Power Solutions Inc. SPM15-050-Q48 Datasheet HTML 3Page - Murata Power Solutions Inc. SPM15-050-Q48 Datasheet HTML 4Page - Murata Power Solutions Inc. SPM15-050-Q48 Datasheet HTML 5Page - Murata Power Solutions Inc. SPM15-050-Q48 Datasheet HTML 6Page - Murata Power Solutions Inc. SPM15-050-Q48 Datasheet HTML 7Page - Murata Power Solutions Inc. SPM15-050-Q48 Datasheet HTML 8Page - Murata Power Solutions Inc. SPM15-050-Q48 Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
SPM15 Series
Single Output Potted Metal Package
Isolated 15-Watt DC-DC Converters
MDC_SPM15.C03 Page 1 of 36
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
 
Typical unit
PRODUCT OVERVIEW
The SPM15 series isolated DC-DC converters
represent the next generation in Industrial Potted
Module Technology. Featuring a full 15-Watt output
in one square inch of board area, the SPM15 series
isolated DC-DC converter family offers efficient
regulated DC power for printed circuit board
mounting. The 1˝ x 1˝ x 0.41˝ (25.4 x 25.4 x 10.41
mm) converter accepts a wide range of input volt-
ages, ideal for industrial applications.
Intended target markets include transportation,
medical systems, electronic test equipment, indus-
trial processing equipment, industrial applications
where power modules must meet rugged envi-
ronmental requirements, high power density, and
where isolated output voltages are required. These
converters offer a feature/option set including:
through-hole mounting, positive or negative logic
(remote on/off), over-current & over-temperature
protection, under-voltage lockout. The input voltage
range covers the standard Industrial requirements
with a regulated output voltage and power rating
up to 15W.
Modules provide voltage isolation (basic
insulation) from input to output of up to 1600V. The
Operating Ambient Temperature Range is -40°C
to +85°C.The Module delivers full output power
to +70°C with no airflow. These parts are ideal for
applications that do not require any heat sinking or
forced air cooling.
FEATURES
Wide range input voltages 9-36 and 18-75 Vdc
1˝ x 1˝ x 0.41˝ Dimensions.
Adjustable Vout (+10% to -10%)
High Efficiency
Positive & Negative logic, Remote On/Off
control Option
Monotonic startup
Continuous Short Circuit protection
Over-temperature protection
Over-Voltage protection
Low output ripple and noise
Strong thermal derating characteristics
Operational Temperature Range –40°C to +85°C
1600V I/O isolation
Packaged in a five-sided EMI shielding metal
package with non-conductive base
Certified to UL 60950-1, CAN/CSA-C22.2 No.
60950-1, IEC60950-1, safety approvals, 2nd
edition, with AM1


Similar Part No. - SPM15-050-Q48

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SPM15-050-Q48 MURATA-PS-SPM15-050-Q48 Datasheet
1,010Kb / 36P
   Single Output Potted Metal Package Isolated 15-Watt DC-DC Converters
2016
More results

Similar Description - SPM15-050-Q48

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SPM25 MURATA1-SPM25 Datasheet
840Kb / 20P
   Single Output Potted Metal Package Isolated 25-Watt DC-DC Converters
logo
Murata Manufacturing Co...
UEI25 MURATA-UEI25 Datasheet
1Mb / 23P
   Single Output Isolated 25-Watt DC/DC Converters
UEI25-120 MURATA-UEI25-120 Datasheet
301Kb / 11P
   Single Output Isolated 25-Watt DC/DC Converters
logo
Intronics Power, Inc.
DC-1700 INTRONICS-DC-1700 Datasheet
192Kb / 1P
   15 Watt Single & Dual Output DC-DC Converters
DC1500 INTRONICS-DC1500 Datasheet
165Kb / 1P
   15 Watt Single & Dual Output DC-DC Converters
DC1600 INTRONICS-DC1600 Datasheet
172Kb / 1P
   15 Watt Triple Output DC-DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
CME MURATA-PS-CME Datasheet
361Kb / 11P
   Isolated 0.75W Single Output Isolated DC/DC Converters
logo
Astrodyne Corporation
LCD15W ASTRODYNE-LCD15W Datasheet
602Kb / 4P
   Isolated and Regulated 15 Watt Encapsulated DC/DC Converters
logo
List of Unclassifed Man...
ASD15 ETC2-ASD15 Datasheet
323Kb / 3P
   Isolated and Regulated 15 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com