Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCM6D0505C Datasheet(PDF) 9 Page - Murata Power Solutions Inc.

Part # NCM6D0505C
Description  Isolated 6W Wide Input Single & Dual Output DC/DC Converters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NCM6D0505C Datasheet(HTML) 9 Page - Murata Power Solutions Inc.

Back Button NCM6D0505C Datasheet HTML 5Page - Murata Power Solutions Inc. NCM6D0505C Datasheet HTML 6Page - Murata Power Solutions Inc. NCM6D0505C Datasheet HTML 7Page - Murata Power Solutions Inc. NCM6D0505C Datasheet HTML 8Page - Murata Power Solutions Inc. NCM6D0505C Datasheet HTML 9Page - Murata Power Solutions Inc. NCM6D0505C Datasheet HTML 10Page - Murata Power Solutions Inc. NCM6D0505C Datasheet HTML 11Page - Murata Power Solutions Inc. NCM6D0505C Datasheet HTML 12Page - Murata Power Solutions Inc. NCM6D0505C Datasheet HTML 13Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
NCM6 Series
Isolated 6W Wide Input Single & Dual Output DC/DC Converters
KDC_NCM6C.B01
Page 9 of 19
All enquiries: www.murata-ps.com/support
www.murata-ps.com
TEMPERATURE DERATING
NCM6S0503C
NCM6S1203C
NCM6S4803C
NCM6X0505C
NCM6X0512C
NCM6X0515C
NCM6X1205C
NCM6X1212C
0
1
2
3
4
5
6
-40 -30 -20 -10 0 1020304050607080
Ambient Temperature (OC)
still air
100 lfm
200 lfm
400 lfm
0
1
2
3
4
5
6
-40
-20
0
20406080
Ambient Temperature (OC)
still air
100 lfm
200 lfm
400 lfm
0
1
2
3
4
5
6
-40
-20
0
20406080
Ambient Temperature (OC
still air
100 lfm
200 lfm
400 lfm
0
1
2
3
4
5
6
-40
-20
0
20406080
Ambient Temperature (OC)
still air
100 lfm
200 lfm
400 lfm
0
1
2
3
4
5
6
-40
-20
0
20406080
Ambient Temperature (OC)
still air
100 lfm
200 lfm
400 lfm
0
1
2
3
4
5
6
-40
-20
0
20406080
Ambient Temperature (OC)
still air
100 lfm
200 lfm
400 lfm
0
1
2
3
4
5
6
-40
-20
0
20406080
Ambient Temperature (OC)
still air
100 lfm
200 lfm
400 lfm
0
1
2
3
4
5
6
-40
-20
0
20406080
Ambient Temperature (OC)
still air
100 lfm
200 lfm
400 lfm


Similar Part No. - NCM6D0505C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCM6D0505EC MURATA-PS-NCM6D0505EC Datasheet
505Kb / 23P
   Isolated 6W Wide Input Single & Dual Output DC-DC Converters
2023
More results

Similar Description - NCM6D0505C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NDS6 MURATA-PS-NDS6 Datasheet
146Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDS6S2405C MURATA-NDS6S2405C Datasheet
235Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A600ERU MPD-A600ERU Datasheet
193Kb / 2P
   Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
logo
Murata Manufacturing Co...
NDXS0512C MURATA-NDXS0512C Datasheet
257Kb / 6P
   Isolated 7.5W Wide Input Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW3000 TOTAL-POWER-MIW3000 Datasheet
245Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW3000 MINMAX-MIW3000 Datasheet
246Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW3100 MINMAX-MIW3100 Datasheet
213Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Superworld Electronics
SW6R24S03WF SUPERWORLD-SW6R24S03WF Datasheet
197Kb / 2P
   6W Wide Input Single & Dual Output DC-DC Converter
logo
MORNSUN Science& Techno...
URA1D05YMD-6WR3 MORNSUN-URA1D05YMD-6WR3 Datasheet
2Mb / 8P
   6W, ultra wide input isolated & regulated dual / single output DC-DC converter
logo
Murata Power Solutions ...
NCS6 MURATA-PS-NCS6 Datasheet
135Kb / 6P
   Isolated 6W 4:1 Input Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com