Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEV1S1215SC Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # MEV1S1215SC
Description  3kVDC Isolated 1W Single & Dual Output DC/DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MEV1S1215SC Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  MEV1S1215SC Datasheet HTML 1Page - Murata Power Solutions Inc. MEV1S1215SC Datasheet HTML 2Page - Murata Power Solutions Inc. MEV1S1215SC Datasheet HTML 3Page - Murata Power Solutions Inc. MEV1S1215SC Datasheet HTML 4Page - Murata Power Solutions Inc. MEV1S1215SC Datasheet HTML 5Page - Murata Power Solutions Inc. MEV1S1215SC Datasheet HTML 6Page - Murata Power Solutions Inc. MEV1S1215SC Datasheet HTML 7Page - Murata Power Solutions Inc. MEV1S1215SC Datasheet HTML 8Page - Murata Power Solutions Inc. MEV1S1215SC Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MEV1 Series
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
KDC_MEV1.F05 Page 5 of 10
www.murata-ps.com/support
APPLICATION NOTES
Minimum load
The minimum load to meet datasheet specification is 10% of the full rated load across the specified input voltage range. Lower than 10% minimum loading will result in
an increase in output voltage, which may rise to typically double the specified output voltage if the output load falls to less than 5%.
Capacitive loading and start up
Typical start up times for this series, with a typical input voltage rise time of 2.2μs and output capacitance of 10μF, are shown in the table below. The product
series will start into a capacitance of 47μF with an increased start time, however, the maximum recommended output capacitance is 10μF.
Ripple & Noise Characterisation Method
Ripple and noise measurements are performed with the following test configuration.
C1
1μF X7R multilayer ceramic capacitor, voltage rating to be a minimum of 3 times the output voltage of the DC/DC converter
C2
10μF tantalum capacitor, voltage rating to be a minimum of 1.5 times the output voltage of the DC/DC converter with an ESR of less
than 100mΩ at 100 kHz
C3
100nF multilayer ceramic capacitor, general purpose
R1
450Ω resistor, carbon film, ±1% tolerance
R2
50Ω BNC termination
T1
3T of the coax cable through a ferrite toroid
RLOAD
Resistive load to the maximum power rating of the DC/DC converter. Connections should be made via twisted wires
Measured values are multiplied by 10 to obtain the specified values.
Differential Mode Noise Test Schematic
OSCILLOSCOPE
Y INPUT
SUPPLY
C1 C2 C3
R1
T1
R2
Input
Output
DC/DC Converter
R LOAD
+
+
-
-
Typical Start-Up Wave Form
Start-up time
Start-up time
μs
μs
MEV1x0505xC
585
MEV1x1512xC
3045
MEV1x0509xC
1550
MEV1x1515xC
4445
MEV1x0512xC
2700
MEV1x2405xC
440
MEV1x0515xC
4320
MEV1x2409xC
4355
MEV1x1205xC
605
MEV1x2412xC
1855
MEV1x1209xC
1750
MEV1x2415xC
2930
MEV1x1212xC
3000
MEV1x4805SC
580
MEV1x1215xC
4800
MEV1x4809SC
1320
MEV1x1505xC
660
MEV1x4812SC
2075
MEV1x1509xC
1720
MEV1x4815SC
3235


Similar Part No. - MEV1S1215SC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MEV1S1215SC MURATA-MEV1S1215SC Datasheet
140Kb / 4P
   3kVDC Isolated 1W Single Output DC/DC Converters
MEV1S1215SC MURATA-MEV1S1215SC Datasheet
209Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
MEV1S1215SC MURATA-MEV1S1215SC Datasheet
180Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
More results

Similar Description - MEV1S1215SC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TPV24V TOPPOWER-TPV24V Datasheet
677Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
MEV1D1515SC MURATA-MEV1D1515SC Datasheet
180Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMV0505DAC MURATA-NMV0505DAC Datasheet
227Kb / 6P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
C&D Technologies
NMV CANDD-NMV Datasheet
119Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
MEV1S0505SC MURATA-MEV1S0505SC Datasheet
209Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMV2415SC MURATA-NMV2415SC Datasheet
216Kb / 4P
   3kVDC Isolated 1W Single Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPV TOPPOWER-TPV_19 Datasheet
234Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV15V TOPPOWER-TPV15V Datasheet
659Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMV0505DAC MURATA-PS-NMV0505DAC_V01 Datasheet
360Kb / 11P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com