Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QL4016-1PF100I Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # QL4016-1PF100I
Description  16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL4016-1PF100I Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button QL4016-1PF100I Datasheet HTML 2Page - List of Unclassifed Manufacturers QL4016-1PF100I Datasheet HTML 3Page - List of Unclassifed Manufacturers QL4016-1PF100I Datasheet HTML 4Page - List of Unclassifed Manufacturers QL4016-1PF100I Datasheet HTML 5Page - List of Unclassifed Manufacturers QL4016-1PF100I Datasheet HTML 6Page - List of Unclassifed Manufacturers QL4016-1PF100I Datasheet HTML 7Page - List of Unclassifed Manufacturers QL4016-1PF100I Datasheet HTML 8Page - List of Unclassifed Manufacturers QL4016-1PF100I Datasheet HTML 9Page - List of Unclassifed Manufacturers QL4016-1PF100I Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
www.quicklogic.com
© 2002 QuickLogic Corporation
QL4016 QuickRAM Data Sheet Rev I
Table 4: RAM Cell Asynchronous Read Timing
Symbol
Parameter
Propagation Delays (ns)
Fanout
1
2
3
4
5
RPDRD
RA to RDa
a. Stated timing for worst case Propagation Delay over process variation at V
CC = 3.3 V and
TA = 25
°C. Multiply by the appropriate Delay Factor, K, for speed grade, voltage and temperature
settings as specified in the Operating Range.
3.0
3.3
3.6
3.9
5.1
Table 5: Input-Only / Clock Cells
Symbol
Parameter
Propagation Delays (ns)
Fanout
1
2
3
4
8
12
24
t
IN
High Drive Input Delay
1.5
1.6
1.8
1.9
2.4
2.9
4.4
t
INI
High Drive Input, Inverting Delay
1.6
1.7
.19
2.0
2.5
3.0
4.5
tISU
Input Register Set-Up Time
3.1
3.1
3.1
3.1
3.1
3.1
3.1
t
IH
Input Register Hold Time
0.0
0.0
0.0
0.0
0.0
0.0
0.0
t
ICLK
Input Register Clock To Q
0.7
0.8
1.0
1.1
1.6
2.1
3.6
tIRST
Input Register Reset Delay
0.6
0.7
0.9
1.0
1.5
2.0
3.5
t
IESU
Input Register Clock Enable Setup Time
2.3
2.3
2.3
2.3
2.3
2.3
2.3
t
IEH
Input Register Clock Enable Hold Time
0.0
0.0
0.0
0.0
0.0
0.0
0.0
Table 6: Clock Cells
Symbol
Parameter
Propagation Delays (ns)
Fanout
a
a. The array distributed networks consist of 40 half columns and the global distributed networks con-
sist of 44 half columns, each driven by an independent buffer. The number of half columns used
does not affect clock buffer delay. The array clock has up to eight loads per half column. The global
clock has up to 11 loads per half column.
1
2
3
4
8
10
11
t
ACK
Array Clock Delay
1.2
1.2
1.3
1.3
1.5
1.6
1.7
tGCKP
Global Clock Pin Delay
0.7
0.7
0.7
0.7
0.7
0.7
0.7
t
GCKB
Global Clock Buffer Delay
0.8
0.8
0.9
0.9
1.1
1.2
1.3


Similar Part No. - QL4016-1PF100I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4016-1PB456M ETC1-QL4016-1PB456M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL4016-1PG208M ETC1-QL4016-1PG208M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL4016-1PG208M/883 ETC1-QL4016-1PG208M/883 Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL4016-1PL84M ETC1-QL4016-1PL84M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL4016-1PL84M/883 ETC1-QL4016-1PL84M/883 Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
More results

Similar Description - QL4016-1PF100I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4009 ETC1-QL4009 Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4058 ETC1-QL4058 Datasheet
536Kb / 23P
   58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-1PB456M ETC1-QL4016-1PB456M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
   60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
   25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
logo
Lumileds Lighting Compa...
L1HX-2770200000000 LUMILEDS-L1HX-2770200000000 Datasheet
2Mb / 17P
   Best performance. Most usable light.
20210523
logo
List of Unclassifed Man...
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com