Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB60S36K Datasheet(PDF) 5 Page - SL Power Electronics

Part # GB60S36K
Description  60W Single Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GB60S36K Datasheet(HTML) 5 Page - SL Power Electronics

  GB60S36K Datasheet HTML 1Page - SL Power Electronics GB60S36K Datasheet HTML 2Page - SL Power Electronics GB60S36K Datasheet HTML 3Page - SL Power Electronics GB60S36K Datasheet HTML 4Page - SL Power Electronics GB60S36K Datasheet HTML 5Page - SL Power Electronics GB60S36K Datasheet HTML 6Page - SL Power Electronics GB60S36K Datasheet HTML 7Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
GB60S
60W Single Output
General Purpose
www.slpower.com
GB60S 18-DEC-14
5
Ripple & Noise
To verify that the output ripple and noise does not exceed the level specified in the product specification, measured using a scope probe socket with
0.1uF ceramic and a 10uF electrolytic capacitor connected in parallel across it, 20MHz BW.
24V OUT, NO LOAD, 90VAC, 60HZ
24V OUT, FULL LOAD, 90VAC, 60HZ
24V OUT, NO LOAD, 264VAC, 50HZ
24V OUT, FULL LOAD, 264VAC, 50HZ


Similar Part No. - GB60S36K

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GB60S36K SLPOWER-GB60S36K Datasheet
2Mb / 7P
   Less than 0.5W no-load Power Consumption
More results

Similar Description - GB60S36K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPD-060 ETC2-SPD-060 Datasheet
75Kb / 1P
   60W, Single Output Adapter
logo
Mean Well Enterprises C...
OWA-60E MEANWELL-OWA-60E Datasheet
170Kb / 4P
   60W Single Output Moistureproof Adaptor
RPS-60 MEANWELL-RPS-60_12 Datasheet
312Kb / 2P
   60W Single Output Medical Type
logo
SL Power Electronics
TE60 SLPOWER-TE60_16 Datasheet
828Kb / 6P
   60W Single Output External Power
logo
List of Unclassifed Man...
NAD-600X ETC-NAD-600X Datasheet
41Kb / 2P
   60W Open Frame Single Output
logo
SL Power Electronics
MB60S SLPOWER-MB60S Datasheet
2Mb / 9P
   60W Single Output Medical Series
ME60 SLPOWER-ME60 Datasheet
707Kb / 4P
   60W Single Output External Power
ME60 SLPOWER-ME60_16 Datasheet
633Kb / 4P
   60W Single Output External Power
TE60 SLPOWER-TE60 Datasheet
761Kb / 4P
   60W Single Output External Power
logo
Mean Well Enterprises C...
RPS-60 MEANWELL-RPS-60 Datasheet
287Kb / 2P
   60W Single Output Medical Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com