Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MINT1275A1214K01 Datasheet(PDF) 7 Page - SL Power Electronics

Part # MINT1275A1214K01
Description  275W Single Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1275A1214K01 Datasheet(HTML) 7 Page - SL Power Electronics

  MINT1275A1214K01 Datasheet HTML 1Page - SL Power Electronics MINT1275A1214K01 Datasheet HTML 2Page - SL Power Electronics MINT1275A1214K01 Datasheet HTML 3Page - SL Power Electronics MINT1275A1214K01 Datasheet HTML 4Page - SL Power Electronics MINT1275A1214K01 Datasheet HTML 5Page - SL Power Electronics MINT1275A1214K01 Datasheet HTML 6Page - SL Power Electronics MINT1275A1214K01 Datasheet HTML 7Page - SL Power Electronics MINT1275A1214K01 Datasheet HTML 8Page - SL Power Electronics MINT1275A1214K01 Datasheet HTML 9Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MINT1275
275W Single Output
Medical Series
www.slpower.com
MINT1275 REV 1.6, 22-Jan-14
7
Characteristic Curves
Output vs. Temperature
180W convection cooled and 275W continuous with 200 LFM airflow. Derate output power to 50% at 70°C.
Efficiency vs. Loading
The high efficiency is achieved by using LLC technology, PFC topology minimizing switching losses. Synchronous SCHOTTKY or ultra-fast diode is
used as rectifier in MINT1275 family because of high output voltage level.


Similar Part No. - MINT1275A1214K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1275A1214K01 SLPOWER-MINT1275A1214K01 Datasheet
1Mb / 9P
   275W Single Output Medical Series
More results

Similar Description - MINT1275A1214K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1275 SLPOWER-MINT1275 Datasheet
1Mb / 9P
   275W Single Output Medical Series
CINT1275 SLPOWER-CINT1275_14 Datasheet
2Mb / 9P
   Up to 275W of AC-DC Power
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
logo
XP Power Limited
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
   Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
   Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
   Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
   Single Output
logo
Power-One
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
   SINGLE OUTPUT
5S5N1PS POWER-ONE-5S5N1PS Datasheet
227Kb / 3P
   SINGLE OUTPUT
logo
Artesyn Technologies
TLP150R-96S12J ARTESYN-TLP150R-96S12J Datasheet
486Kb / 4P
   Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com