Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MINT1275 Datasheet(PDF) 9 Page - SL Power Electronics

Part # MINT1275
Description  275W Single Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1275 Datasheet(HTML) 9 Page - SL Power Electronics

  MINT1275_14 Datasheet HTML 1Page - SL Power Electronics MINT1275_14 Datasheet HTML 2Page - SL Power Electronics MINT1275_14 Datasheet HTML 3Page - SL Power Electronics MINT1275_14 Datasheet HTML 4Page - SL Power Electronics MINT1275_14 Datasheet HTML 5Page - SL Power Electronics MINT1275_14 Datasheet HTML 6Page - SL Power Electronics MINT1275_14 Datasheet HTML 7Page - SL Power Electronics MINT1275_14 Datasheet HTML 8Page - SL Power Electronics MINT1275_14 Datasheet HTML 9Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MINT1275
275W Single Output
Medical Series
www.slpower.com
MINT1275 REV 1.6, 22-Jan-14
9
Output Overload Characteristic
Supply shall protect itself against overload conditions. The Power Supply shall recover from Overload Conditions without operator intervention.
12V OUT, 90VAC
12V OUT, 264VAC
Turn-On Time
12V OUT, NO LOAD, 90VAC
12V OUT, FULL LOAD, 90VAC
12V OUT, NO LOAD, 264VAC
12V OUT, FULL LOAD, 264VAC
Data Sheet © 2013 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication. However, SL Power accepts no responsibility for
consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.


Similar Part No. - MINT1275_14

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1275A1214K01 SLPOWER-MINT1275A1214K01 Datasheet
1Mb / 9P
   275W Single Output Medical Series
MINT1275A1514K01 SLPOWER-MINT1275A1514K01 Datasheet
1Mb / 9P
   275W Single Output Medical Series
More results

Similar Description - MINT1275_14

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1275 SLPOWER-MINT1275 Datasheet
1Mb / 9P
   275W Single Output Medical Series
CINT1275 SLPOWER-CINT1275_14 Datasheet
2Mb / 9P
   Up to 275W of AC-DC Power
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
logo
XP Power Limited
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
   Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
   Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
   Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
   Single Output
logo
Power-One
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
   SINGLE OUTPUT
5S5N1PS POWER-ONE-5S5N1PS Datasheet
227Kb / 3P
   SINGLE OUTPUT
logo
Artesyn Technologies
TLP150R-96S12J ARTESYN-TLP150R-96S12J Datasheet
486Kb / 4P
   Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com