Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9168-18CBR Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RT9168-18CBR
Description  200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9168-18CBR Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RT9168-18CBR Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9168-18CBR Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9168-18CBR Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9168-18CBR Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9168-18CBR Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9168-18CBR Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9168-18CBR Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9168-18CBR Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9168-18CBR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RT9168/A
www.richtek-ic.com.tw
DS9168/A-03 May 2001
4
Absolute Maximum Ratings
Input Voltage
8V
Power Dissipation, PD @ TA = 25
°C
SOT-25
0.25W
SOP-8
0.625W
Operating Junction Temperature Range
−40°C to 125°C
Storage Temperature Range
−65°C to 150°C
Package Thermal Resistance
SOT-25,
θJA
250
°C/W
SOP-8,
θJA
160
°C/W
Lead Temperature (Soldering, 5 sec.)
260
°C
Electrical Characteristics
(VIN = 5.0V, CIN = 1
µF, COUT = 1µF, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max Units
2.9
--
7
Input Voltage Range
VIN
IL = 50mA
2.7
--
7
V
Output Voltage Accuracy
∆VOUT IL = 1mA
-2
--
+2
%
RT9168
200
--
--
mA
Maximum Output
Current
RT9168A
IMAX
500
--
--
mA
RT9168
--
300
--
mA
Current Limit
RT9168A
ILIMIT
RLOAD = 1 Ohm
--
700
--
mA
RT9168/A
No Load
--
80
150
RT9168
IOUT = 200mA
--
90
150
GND Pin Current
RT9168A
IG
IOUT = 500mA
--
90
150
µA
RT9168/A
IOUT = 1mA
--
1.1
5
mV
RT9168/A
IOUT = 50mA
--
55
100
mV
RT9168/A
IOUT = 200mA
--
220
300
mV
Dropout Voltage
(Note)
(VOUT(Nominal)
≥3.0V
Version)
RT9168A
VDROP
IOUT = 500mA
--
600
750
mV
Line Regulation
∆VLINE VIN = (VOUT+0.15) to 7V, IOUT = 1mA -0.2
--
+0.2
%/V
IOUT = 0mA to 200mA
--
0.01
0.04
Load Regulation
∆VLOAD
IOUT = 0mA to 500mA
--
0.01
0.04
%/mA
SHDN, SHDN Input High Threshold VIH
VIN = 3V to 5.5V
2.2
--
--
V
SHDN, SHDN Input Low Threshold VIL
VIN = 3V to 5.5V
--
--
0.4
V
SHDN, SHDN Bias Current
ISD
--
--
100
nA
Shutdown Supply Current
IGSD
VOUT = 0V
--
0.01
1
µA
Thermal Shutdown Temperature
TSD
--
155
--
°C
Ripple Rejection
PSRR
F = 100Hz, CBP = 10nF, COUT = 10
µF
--
58
--
dB
Notes: Dropout voltage definition: VIN - VOUT when VOUT is 50 mV below the value of VOUT at VIN = VOUT + 0.5V


Similar Part No. - RT9168-18CBR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT916815GBR RICHTEK-RT916815GBR Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT916815GS RICHTEK-RT916815GS Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT916815GSH RICHTEK-RT916815GSH Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT916815PBR RICHTEK-RT916815PBR Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
More results

Similar Description - RT9168-18CBR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT9167 RICHTEK-RT9167 Datasheet
230Kb / 13P
   Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
logo
Asahi Kasei Microsystem...
AP1150 AKM-AP1150 Datasheet
964Kb / 28P
   200mA Output,High PSRR,Low Noise LDO Regulator Fixed Output Voltage Type
logo
Microchip Technology
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262_13 Datasheet
231Kb / 14P
   500mA Fixed Output CMOS LDO
2002-2012 11/27/12
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
   500mA Fixed Output CMOS LDO
2002
logo
Linear Technology
LT3645 LINER-LT3645 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
   OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com