Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C519-350-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # C519-350-R
Description  5 x 15mm Time-Delay Glass Tube Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

C519-350-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  C519-350-R Datasheet HTML 1Page - Cooper Bussmann, Inc. C519-350-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2009 Cooper Bussmann
St. Louis, MO 63178
www.cooperbussmann.com
Time-Current Curve
Packaging Code
Packaging Code Prefix
Description
BK
100 fuses packed into a cardboard carton
BK1
1,000 fuses packed into a cardboard carton
0909
BU-SB09719
Page 2 of 2
Data Sheet 2007
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information contained
in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life support
systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in
significant injury to the user.


Similar Part No. - C519-350-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
C519-350-R EATON-C519-350-R Datasheet
315Kb / 2P
   5 mm x 15 mm Time-delay glass tube fuses
More results

Similar Description - C519-350-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
C515-125-R COOPER-C515-125-R Datasheet
253Kb / 2P
   5 x 15mm Axial-Leaded, Time-Delay, Glass Tube Fuses
C520-100-R COOPER-C520-100-R Datasheet
213Kb / 2P
   5 x 15mm Glass Tube Fuses
GMC-600-R COOPER-GMC-600-R Datasheet
275Kb / 2P
   5 x 20mm Medium Time-Delay Glass Tube Fuses
BK-MDL-3 COOPER-BK-MDL-3 Datasheet
267Kb / 2P
   Time-Delay, Glass Tube Fuses
S506-4-R COOPER-S506-4-R Datasheet
304Kb / 2P
   5 x 20mm Fuses S506 Series, Time-Delay, Glass Tube
BK-GMD-200MA COOPER-BK-GMD-200MA Datasheet
447Kb / 2P
   5 x 20mm Fuses GMD Series,Time-Delay, Glass Tube
S506-2-R COOPER-S506-2-R Datasheet
304Kb / 2P
   5 x 20mm Fuses S506 Series, Time-Delay, Glass Tube
logo
Eaton All Rights Reserv...
GMD EATON-GMD Datasheet
2Mb / 2P
   5 mm x 20 mm Time-delay glass tube fuses
S506 EATON-S506 Datasheet
489Kb / 2P
   5 mm x 20 mm Time-delay glass tube fuses
GDC EATON-GDC Datasheet
521Kb / 3P
   5 mm x 20 mm Time-delay glass tube fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com