Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICF0442V1xC Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # ICF0442V1xC
Description  Wide Input 1000 Watt Isolated Full Brick DC-DC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ICF0442V1xC Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  ICF0442V1xC Datasheet HTML 1Page - Murata Power Solutions Inc. ICF0442V1xC Datasheet HTML 2Page - Murata Power Solutions Inc. ICF0442V1xC Datasheet HTML 3Page - Murata Power Solutions Inc. ICF0442V1xC Datasheet HTML 4Page - Murata Power Solutions Inc. ICF0442V1xC Datasheet HTML 5Page - Murata Power Solutions Inc. ICF0442V1xC Datasheet HTML 6Page - Murata Power Solutions Inc. ICF0442V1xC Datasheet HTML 7Page - Murata Power Solutions Inc. ICF0442V1xC Datasheet HTML 8Page - Murata Power Solutions Inc. ICF0442V1xC Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ICF Series
Wide Input 1000 Watt Isolated Full Brick DC-DC
www.murata-ps.com/support
MDC_ICF_A01 Page 4 of 16
Electrical Specifications - ICF0536V1xC
Conditions: TA = 25 ºC, Airflow = 300 LFM (1.5 m/s), Vin = 24VDC, unless otherwise specified. Specifications are subject to change without notice.
1) Section “Input and Output Capacitance”
Parameter
Notes
Min
Typ
Max
Units
Operating Input Voltage Range
9
24
36
V
Input Under Voltage Lockout
Non-latching
Turn-on Threshold
8.2
8.5
8.8
V
Turn-off Threshold
7.7
8.0
8.3
V
Lockout Hysteresis Voltage
0.4
0.55
0.7
V
Maximum Input Current
Vin = 9V, 80% Load
89
A
Vin = 12V, 100% Load
92
A
Vin = 24V, Output Shorted
330
mARMS
Input Stand-by Current
Converter Disabled
2
4
mA
Input Current @ No Load
Converter Enabled
400
480
600
mA
Minimum Input Capacitance (external)1)
ESR < 0.1 Ω
1000
µF
Inrush Transient
0.19
A
2
s
Input Reflected-Ripple Current,
iC
25 MHz bandwidth, 100% Load (Fig. 6)
2.5
ARMS
Output Characteristics
Nominal Output Voltage
27.56
28.00
28.42
V
Output Voltage Set Point Accuracy
(No load)
27.9
28.00
28.1
V
Output Regulation
Over Line
Vin = 9V to 36V
0.05
0.10
%
Over Load
Vin = 24V, Load 0% to 100%
0.05
0.10
%
Temperature Coefficient
0.005
0.015
%/ºC
Overvoltage Protection
31.9
36.4
V
Output Ripple and Noise – 20 MHz bandwidth
(Fig. 6) 100% Load,
CEXT =2 x 470 µF/70mΩ + 1 µF ceramic
220
360
mV
PK
-PK
50
80
mVRMS
External Load Capacitance1)
Full Load (resistive)
CEXT
(over operating temp range)
ESR
1000
4700
µF
mΩ
10
100
Output Current Range (See Fig. B)
Vin = 12V – 36V
0
36
A
Vin = 9V
0
28.8
A
Current Limit Inception
Vin = 12V – 36V
39.6
46.8
A
9V ≤ Vin < 12V
31.7
46.8
A
RMS Short-Circuit Current
Non-latching
1.7
2.5
6.4
ARMS
Dynamic Response
Load Change 50%-75%-50%, di/dt = 1A/µs
Co = 2 x 470 µF/70mΩ
±330
±430
mV
Load Change 50%-100%-50%, di/dt = 1A/µs
Co = 2 x 470 µF/70mΩ
±600
mV
Settling Time to 1% of VOUT
500
µs
Efficiency
100% Load
Vin = 24V
94.5
95.5
96.2
%
Vin = 12V
93.0
93.8
94.5
%
50% Load
Vin = 24V
95.5
96.2
97.0
%
Vin = 12V
94.3
95.4
96.2
%


Similar Part No. - ICF0442V1xC

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ICF05003A006V-001-R TDK-ICF05003A006V-001-R Datasheet
178Kb / 2P
   DC-DC Converters
iCF05003A006V-003-R TDK-iCF05003A006V-003-R Datasheet
209Kb / 2P
   3A Non-isolated SMT Point Of Load
ICF05003A006V-006-R TDK-ICF05003A006V-006-R Datasheet
178Kb / 2P
   DC-DC Converters
ICF05003A006V-007-R TDK-ICF05003A006V-007-R Datasheet
178Kb / 2P
   DC-DC Converters
More results

Similar Description - ICF0442V1xC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ICH-500 MURATA-PS-ICH-500 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
ICH-360 MURATA-PS-ICH-360 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
UWE MURATA-PS-UWE Datasheet
213Kb / 4P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
logo
Murata Manufacturing Co...
UWE MURATA-UWE Datasheet
1Mb / 13P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
UWQ-12-Q48 MURATA-UWQ-12-Q48 Datasheet
1,003Kb / 18P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
UWS MURATA-PS-UWS Datasheet
924Kb / 25P
   Sixteenth-brick DOSA-Compatible, Wide Input Isolated DC/DC
logo
Murata Manufacturing Co...
UWQ-1217-Q48NB-C MURATA-UWQ-1217-Q48NB-C Datasheet
982Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
BEI15 MURATA-BEI15_11 Datasheet
255Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15 Datasheet
277Kb / 5P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
UEI-15 MURATA-UEI-15 Datasheet
1Mb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com