Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM319R72A104KA01D Datasheet(PDF) 9 Page - Murata Power Solutions Inc.

Part # GRM319R72A104KA01D
Description  500W Digital Fully Regulated Intermediate DC-DC Bus Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

GRM319R72A104KA01D Datasheet(HTML) 9 Page - Murata Power Solutions Inc.

Back Button GRM319R72A104KA01D Datasheet HTML 5Page - Murata Power Solutions Inc. GRM319R72A104KA01D Datasheet HTML 6Page - Murata Power Solutions Inc. GRM319R72A104KA01D Datasheet HTML 7Page - Murata Power Solutions Inc. GRM319R72A104KA01D Datasheet HTML 8Page - Murata Power Solutions Inc. GRM319R72A104KA01D Datasheet HTML 9Page - Murata Power Solutions Inc. GRM319R72A104KA01D Datasheet HTML 10Page - Murata Power Solutions Inc. GRM319R72A104KA01D Datasheet HTML 11Page - Murata Power Solutions Inc. GRM319R72A104KA01D Datasheet HTML 12Page - Murata Power Solutions Inc. GRM319R72A104KA01D Datasheet HTML 13Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Third Angle Projection
Dimensions are in inches (mm) shown for ref. only.
Tolerances (unless otherwise specified):
.XX ± 0.02 (0.5)
.XXX ± 0.010 (0.25)
Angles ± 2˚
ABC (PMBUS) MECHANICAL SPECIFICATIONS WITH HEAT SINK
0.079 [2.0]
5
2
1
4
16
12
14 15
11
10
9
8
13
7
6
PIN SIDE VIEW
SQ 0.02 [0.50]
PIN S 1-3,:
0.040 ±0.0015 (1.016 ±0.038 )
Shoulde r:
0.076 ±0.005 (1.93±0.13)
PIN S 4,8:
0.062 ±0.0015 (1.575 ±0.038 )
Shoulde r:
0.098 ±0.005 (2.49±0.13)
SEE NOTE 4
0.010 minimum clearance
between standoffs and
highest component
NOTES:
UNLESS OTHERWISE SPECIFIED:
1: ALL DIMENSIONS ARE IN INCHES [MILLIMETERS];
2: ALL TOLERANCES: ×.××in, ±0.02in (×.×mm, ±0.5mm)
×.×××in, ±0.01in (×.××mm, ±0.25mm)
3: COMPONENTS WILL VARY BETWEEN MODELS
4: STANDARD PIN LENGTH: 0.180 Inch
FOR PIN LENGTH OPTIONS, SEE PART NUMBER STRUCTURE.
ISOMETRIC VIEW
[50.80]
2.000
[58.4]
2.30
INPUT/OUTPUT CONNECTIONS
Pin
Designation
Function
1
+VIN
Positive Input
2
On/Off 1 Control
Primary On/Off Control
3
No Pin
No Pin
4
–VIN
Negative Input
5
–VOUT
Negative Output
6
+S
Positive Remote Sense
7
–S
Negative Remote Sense
8
SA0
Address Pin 0
9
SA1
Address Pin 1
10
SCL
PMBus Clock
11
SDA
PMBus Data
12
PG
Power Good Output
13
DGND
PMBus Ground
14
SMBALERT
PMBus Alert Signal
15
On/Off 2 Control
Secondary On/Off Control
16
+VOUT
Positive Output
DRQ-12/42-D48 Series
500W Digital Fully Regulated
Intermediate DC-DC Bus Converter
MDC_DRQ-12/42-D48.A03 Page 9 of 24
www.murata-ps.com/support


Similar Part No. - GRM319R72A104KA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM319R72A104KA01D MURATA1-GRM319R72A104KA01D Datasheet
778Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
logo
NXP Semiconductors
GRM319R72A104KA01D NXP-GRM319R72A104KA01D Datasheet
364Kb / 9P
   RF Power LDMOS Transistor
More results

Similar Description - GRM319R72A104KA01D

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DRQ-12-50-L48 MURATA-PS-DRQ-12-50-L48 Datasheet
819Kb / 26P
   600W Digital Fully Regulated Intermediate DC-DC Bus Converter
logo
Murata Manufacturing Co...
DBQ0135V2 MURATA1-DBQ0135V2 Datasheet
4Mb / 37P
   420W Digital Fully Regulated Intermediate DC-DC Bus Converter
2021
DBE MURATA1-DBE Datasheet
1Mb / 34P
   Up to 300W Digital Fully Regulated Intermediate DC-DC Bus Converter
logo
Flex Power Modules. FLE...
PKB4000D FLEX-PKB4000D Datasheet
2Mb / 28P
   Fully regulated DC-DC Converters
July 2019
logo
Enpirion, Inc.
EC2630QI ENPIRION-EC2630QI Datasheet
107Kb / 2P
   12V DC-DC Intermediate Voltage Bus Converter, 27W and 4A
logo
Mean Well Enterprises C...
SD-500 MEANWELL-SD-500 Datasheet
148Kb / 4P
   500W Single Output DC-DC Converter
SD-500_1109 MEANWELL-SD-500_1109 Datasheet
245Kb / 4P
   500W Single Output DC-DC Converter
logo
GAPTEC Electronic GmbH ...
500HBAW GAPTEC-500HBAW Datasheet
1Mb / 7P
   500W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Astrodyne Corporation
SD500 ASTRODYNE-SD500 Datasheet
935Kb / 6P
   500W Single Output DC-DC Converter
SD500 ASTRODYNE-SD500_16 Datasheet
935Kb / 6P
   500W Single Output DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com