Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM32ER72A105KA01L Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # GRM32ER72A105KA01L
Description  500W Digital Fully Regulated Intermediate DC-DC Bus Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

GRM32ER72A105KA01L Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  GRM32ER72A105KA01L Datasheet HTML 1Page - Murata Power Solutions Inc. GRM32ER72A105KA01L Datasheet HTML 2Page - Murata Power Solutions Inc. GRM32ER72A105KA01L Datasheet HTML 3Page - Murata Power Solutions Inc. GRM32ER72A105KA01L Datasheet HTML 4Page - Murata Power Solutions Inc. GRM32ER72A105KA01L Datasheet HTML 5Page - Murata Power Solutions Inc. GRM32ER72A105KA01L Datasheet HTML 6Page - Murata Power Solutions Inc. GRM32ER72A105KA01L Datasheet HTML 7Page - Murata Power Solutions Inc. GRM32ER72A105KA01L Datasheet HTML 8Page - Murata Power Solutions Inc. GRM32ER72A105KA01L Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
DRQ-12/42-D48 Series
500W Digital Fully Regulated
Intermediate DC-DC Bus Converter
MDC_DRQ-12/42-D48.A03 Page 4 of 24
www.murata-ps.com/support
OUTPUT
Conditions
Minimum
Typical/Nominal
Maximum
Units
Total Output Power
0
500.25
515.5
W
Voltage
Nominal Output Voltage
No trim (@ all conditions)
11.16
11.5
11.85
Vdc
Output Voltage
@ Vin=48V, Iout=0, temp=+25°C
11.45
11.55
Vdc
Setting Accuracy
At 50% load, no trim
-2
2
% of Vnom
Overvoltage Protection
Via magnetic feedback
13.8
14.4
15.6
Vdc
Current
Output Current Range
0
43.5
A
Cold condition
Default, Configurable via PMBUS
52
54
56
After warm up
Default, Configurable via PMBUS
51
53
55
A
Short Circuit
Short Circuit Current
Hiccup technique, autorecovery within ±1.25%
of Vout
0.4
1
A
Short Circuit Duration
(remove short for recovery)
Output shorted to ground, no damage
Continuous
Short circuit protection method
Current limiting
Regulation
Line Regulation
Vin = 38 to 75V, Vout = nom., Iout = nom.
30
100
mV
Load Regulation
Iout = min. to max., Vin = 48V
50
100
mV
Ripple and Noise
5 Hz- 20 MHz BW
80
120
mV pk-pk
Temperature Coefficient
At all outputs
0.01
0.02
% of Vout./°C
Maximum Capacitive Loading
Low ESR
10000
μF
MECHANICAL (Through Hole Models)
Outline Dimensions (with heat sink)
2.3 x 1.45 x 1.1
Inches
(Please refer to outline drawing)
LxWxH
58.4 x 36.83 x 27.94
mm
Outline Dimensions (with baseplate)
2.3 x 1.45 x 0.52
58.4 x 36.8 x 13.21
Through Hole Pin Diameter
0.04 & 0.062
Inches
1.016 & 1.575
mm
Through Hole Pin Material
Copper alloy
TH Pin Plating Metal and Thickness
Nickel subplate
98.4-299
μ-inches
Gold overplate
4.7-19.6
μ-inches
ENVIRONMENTAL
Operating Ambient Temperature Range
See Derating
-40
85
°C
Operating Case Temperature
No derating
-40
110
°C
Storage Temperature
Vin = Zero (no power)
-55
125
°C
Thermal Protection/Shutdown
Measured in center
132
°C
Electromagnetic Interference
External filter is required
Conducted, EN55022/CISPR22
B
Class
RoHS rating
RoHS-6
FUNCTIONAL SPECIFICATIONS, (CONT.)
Notes
➀ Unless otherwise noted, all specifications apply at Vin = nominal, nominal output voltage and full
output load. General conditions are near sea level altitude, no base plate installed and natural
convection airflow unless otherwise specified. All models are tested and specified with external
parallel 1 μF and 10 μF output capacitors (see Technical Notes). All capacitors are low-ESR types
wired close to the converter. These capacitors are necessary for our test equipment and may not
be needed in the user’s application.
➁ Input (back) ripple current is tested and specified over 5 Hz to 20 MHz bandwidth. Input filtering is
Cin = 33 μF/100V, Cbus = 220μF/100V and Lbus = 12 μH.
➂ All models are stable and regulate to specification under no load.
➃ The Remote On/Off Control is referred to -Vin.
➄ Regulation specifications describe the output voltage changes as the line voltage or load current
is varied from its nominal or midpoint value to either extreme. The load step is ±25% of full load
current.
➅ Output Ripple and Noise is measured with Cout = 1 μF || 10 μF, 20 MHz oscilloscope bandwidth
and full resistive load.


Similar Part No. - GRM32ER72A105KA01L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM32ER72A105KA01L MURATA1-GRM32ER72A105KA01L Datasheet
780Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
logo
NXP Semiconductors
GRM32ER72A105KA01L NXP-GRM32ER72A105KA01L Datasheet
1Mb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 4, 10/2011
GRM32ER72A105KA01L NXP-GRM32ER72A105KA01L Datasheet
761Kb / 18P
   1800–2200 MHz, 32 W AVG., 48 V AIRFAST RF POWER GaN TRANSISTOR
Rev. 1, 01/2022
More results

Similar Description - GRM32ER72A105KA01L

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DRQ-12-50-L48 MURATA-PS-DRQ-12-50-L48 Datasheet
819Kb / 26P
   600W Digital Fully Regulated Intermediate DC-DC Bus Converter
logo
Murata Manufacturing Co...
DBQ0135V2 MURATA1-DBQ0135V2 Datasheet
4Mb / 37P
   420W Digital Fully Regulated Intermediate DC-DC Bus Converter
2021
DBE MURATA1-DBE Datasheet
1Mb / 34P
   Up to 300W Digital Fully Regulated Intermediate DC-DC Bus Converter
logo
Flex Power Modules. FLE...
PKB4000D FLEX-PKB4000D Datasheet
2Mb / 28P
   Fully regulated DC-DC Converters
July 2019
logo
Enpirion, Inc.
EC2630QI ENPIRION-EC2630QI Datasheet
107Kb / 2P
   12V DC-DC Intermediate Voltage Bus Converter, 27W and 4A
logo
Mean Well Enterprises C...
SD-500 MEANWELL-SD-500 Datasheet
148Kb / 4P
   500W Single Output DC-DC Converter
SD-500_1109 MEANWELL-SD-500_1109 Datasheet
245Kb / 4P
   500W Single Output DC-DC Converter
logo
GAPTEC Electronic GmbH ...
500HBAW GAPTEC-500HBAW Datasheet
1Mb / 7P
   500W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Astrodyne Corporation
SD500 ASTRODYNE-SD500 Datasheet
935Kb / 6P
   500W Single Output DC-DC Converter
SD500 ASTRODYNE-SD500_16 Datasheet
935Kb / 6P
   500W Single Output DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com